| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8S207MBT3BTR bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S207MBT3BTR bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 103 page ![]() Pinouts and pin description STM8S207xx, STM8S208xx 32/103 Doc ID 14733 Rev 9 5.2 Alternate function remapping As shown in the rightmost column of the pin description table, some alternate functions can be remapped at different I/O ports by programming one of eight AFR (alternate function remap) option bits. Refer to Section 8: Option bytes on page 47. When the remapping option is active, the default alternate function is no longer available. To use an alternate function, the corresponding peripheral must be enabled in the peripheral registers. Alternate function remapping does not effect GPIO capabilities of the I/O ports (see the GPIO section of the family reference manual, RM0016). |