| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASMD030F bảng dữ liệu(PDF) 20 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ASMD030F bảng dữ liệu(HTML) 20 Page - Tyco Electronics |
|
20 / 22 page ![]() 168 RoHS Compliant, ELV Compliant 10 Description EIA Mark Dimension (mm) Tolerance Carrier tape thickness T max. 0.6 — Cover tape thickness T1 max. 0.1 — (AHS080-2018) K0 1.8 ± 0.15 (ASMD030F to ASMD125F) K0 3.2 ± 0.15 (ASMD150F to ASMD250F & AHS160 to AHS300) K0 3.4 ± 0.15 Embossed cavity depth (inside) K0 — ± 0.15 Leader min. — 400 — Trailer min. — 160 — Reel diameter A max. 330 — Core diameter N min. 50 — Reel width measured at inside hub W1 16.4 + 2.0, -0 Reel width measured at outside hub W2 max. 22.4 — P 0 E 1 E 2 F W P 2 D 0 A 0 B 0 P 1 B 1 T 1 K 0 T Cover tape Embossment Center lines of cavity A Cover tape Embossed cavity Carrier tape N (hub dia.) W 2 (measured at hub) W 1 (measured at hub) Table A8 Tape and Reel Specifications for AHS/ASMD Automotive Devices Cont’d Figure A24 EIA Referenced Taped Component Dimensions for AHS/ASMD Devices Figure A25 EIA Referenced Reel Dimensions for AHS/ASMD Devices |