công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA8575D bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện PCA8575D
Giải thích chi tiết về linh kiện  Remote 16-bit I/O expander for I2C-bus with interrupt
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8575D bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  PCA8575D Datasheet HTML 1Page - NXP Semiconductors PCA8575D Datasheet HTML 2Page - NXP Semiconductors PCA8575D Datasheet HTML 3Page - NXP Semiconductors PCA8575D Datasheet HTML 4Page - NXP Semiconductors PCA8575D Datasheet HTML 5Page - NXP Semiconductors PCA8575D Datasheet HTML 6Page - NXP Semiconductors PCA8575D Datasheet HTML 7Page - NXP Semiconductors PCA8575D Datasheet HTML 8Page - NXP Semiconductors PCA8575D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
PCA8575_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 21 March 2007
5 of 30
NXP Semiconductors
PCA8575
Remote 16-bit I/O expander for I2C-bus with interrupt
6.2 Pin description
[1]
HVQFN and DHVQFN package die supply ground is connected to both the VSS pin and the exposed center
pad. The VSS pin must be connected to supply ground for proper device operation. For enhanced thermal,
electrical, and board-level performance, the exposed pad needs to be soldered to the board using a
corresponding thermal pad on the board, and for proper heat conduction through the board thermal vias
need to be incorporated in the PCB in the thermal pad region.
Table 2.
Pin description
Symbol
Pin
Description
SO24, SSOP24,
TSSOP24, DHVQFN24
HVQFN24
INT
1
22
interrupt output (active LOW)
AD1
2
23
address input 1
AD2
3
24
address input 2
P00
4
1
quasi-bidirectional I/O 00
P01
5
2
quasi-bidirectional I/O 01
P02
6
3
quasi-bidirectional I/O 02
P03
7
4
quasi-bidirectional I/O 03
P04
8
5
quasi-bidirectional I/O 04
P05
9
6
quasi-bidirectional I/O 05
P06
10
7
quasi-bidirectional I/O 06
P07
11
8
quasi-bidirectional I/O 07
VSS
12[1]
9[1]
supply ground
P10
13
10
quasi-bidirectional I/O 10
P11
14
11
quasi-bidirectional I/O 11
P12
15
12
quasi-bidirectional I/O 12
P13
16
13
quasi-bidirectional I/O 13
P14
17
14
quasi-bidirectional I/O 14
P15
18
15
quasi-bidirectional I/O 15
P16
19
16
quasi-bidirectional I/O 16
P17
20
17
quasi-bidirectional I/O 17
AD0
21
18
address input 0
SCL
22
19
serial clock line input
SDA
23
20
serial data line input/output
VDD
24
21
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com