công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1116477-3 bảng dữ liệu(PDF) 2 Page - Tyco Electronics

tên linh kiện 1116477-3
Giải thích chi tiết về linh kiện  Quick Reference Guide:AMP Pivot Connector Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

1116477-3 bảng dữ liệu(HTML) 2 Page - Tyco Electronics

  1116477-3 Datasheet HTML 1Page - Tyco Electronics 1116477-3 Datasheet HTML 2Page - Tyco Electronics 1116477-3 Datasheet HTML 3Page - Tyco Electronics 1116477-3 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
AMP Pivot Connector Series
AMP PIVOT CONNECTORS
DRAWINGS FOR AMP PIVOT CONNECTORS
HOW TO USE AN AMP PIVOT CONNECTOR
http://www.tycoelectronics.com/products/pivot
One Pair Pivot Connector
Closed Position
Open Position
All part numbers are RoHS compliant.
PIVOT
Part #
# OF
ENTRY
STUFFER
STUFFER
DIM A
DIM B
DIM C
AWG
INSULATION
STUFFER
PAIRS
STYLE
LENGTH
MARKING
DIAMETER
COLOR
1116477-3
1
SINGLE
SHORT
T/R
.430
.595
.599
22-24
.06-.04
CLEAR
1116477-4*
1
SINGLE
SHORT
T/R
.430
.595
.599
22-24
.06-.04
CLEAR
1116161-5
2
SINGLE
SHORT
T/R
.820
.595
.599
22-24
.06-.04
CLEAR
1116161-6
2
SINGLE
SHORT
1/4
.820
.595
.599
22-24
.06-.04
CLEAR
1116161-7*
2
SINGLE
SHORT
T/R
.820
.595
.599
22-24
.06-.04
CLEAR
1116161-8*
2
SINGLE
SHORT
1/4
.820
.595
.599
22-24
.06-.04
CLEAR
1116581-3
4
SINGLE
SHORT
T/R
1.60
.595
.599
22-24
.06-.04
CLEAR
1116581-4*
4
SINGLE
SHORT
T/R
1.60
.595
.599
22-24
.06-.04
CLEAR
Product Specification:
108-1657
Application Specification:
114-6062
Qualification Test:
501-373
T/R is an abbreviation for Tip & Ring
(Commonly used when talking about phone lines in
the telecommunications industry)
* Signifies part is grease filled
DIM A
STUFFER
MARKING
WIRE
22-24 AWG
WIRE
22-24 AWG
DIM B
.420
DIM C
.093
.093
Wire Insertion
After the connector has been applied to the pc board, the unstripped wires may be inserted into the corresponding
wire insertion hold of the stuffer.
Termination
While holding the wires firmly in place, push down on the stuffer until it bottoms to terminate the wire.
Top view of a one pair, single
entry pivot connector in a closed
position. Drawing shows connec-
tor width.
Side view of a one pair, single
entry pivot connector in a
closed position. Drawing
shows a wire fed into the
connector, the connector
height, stuffer length and tine
length.
Side view of a one pair, single
entry pivot connector in an open
position. Drawing shows con-
nector height and height when
the stuffer is open.
.433



Html Pages

1 2 3 4