| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC9S08JS16CFK bảng dữ liệu(PDF) 24 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC9S08JS16CFK bảng dữ liệu(HTML) 24 Page - Freescale Semiconductor, Inc |
|
24 / 32 page ![]() MC9S08JS16 Series MCU Data Sheet, Rev. 4 Electrical Characteristics Freescale Semiconductor 24 Figure 20. SPI Slave Timing (CPHA = 0) Figure 21. SPI Slave Timing (CPHA = 1) 3.11 Flash Specifications This section provides details about program/erase times and program-erase endurance for the flash memory. Program and erase operations do not require any special power sources other than the normal VDD supply. SCK (INPUT) SCK (INPUT) MOSI (INPUT) MISO (OUTPUT) SS (INPUT) MSB IN BIT 6 . . . 1 LSB IN MSB OUT SLAVE LSB OUT BIT 6 . . . 1 (CPOL = 0) (CPOL = 1) NOTE: SLAVE SEE NOTE 1. Not defined but normally MSB of character just received 1 2 3 4 6 7 8 9 10 12 5 5 4 SCK (INPUT) SCK (INPUT) MOSI (INPUT) MISO (OUTPUT) MSB IN BIT 6 . . . 1 LSB IN MSB OUT SLAVE LSB OUT BIT 6 . . . 1 SEE (CPOL = 0) (CPOL = 1) SS (INPUT) NOTE: SLAVE NOTE 1. Not defined but normally LSB of character just received 1 2 3 4 6 7 8 9 10 12 4 5 5 |