| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8S207MBT3B bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S207MBT3B bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 103 page ![]() STM8S207xx, STM8S208xx Pinouts and pin description Doc ID 14733 Rev 9 25/103 Figure 5. LQFP 48-pin pinout 1. (HS) high sink capability. 2. (T) True open drain (P-buffer and protection diode to VDD not implemented). 3. [ ] alternate function remapping option (If the same alternate function is shown twice, it indicates an exclusive choice not a duplication of the function). 4. CAN_RX and CAN_TX is available on STM8S208xx devices only. 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 12 13 14 15 16 17 18 19 20 21 22 1 2 3 4 5 6 7 8 9 10 11 48 47 46 45 UART1_CK/(HS) PA6 PC1 (HS)/TIM1_CH1 PE5/SPI_NSS PG1/CAN_RX VSSIO_2 PC5 (HS)/SPI_SCK PC4 (HS)/TIM1_CH4 PC3 (HS)/TIM1_CH3 P C2 (HS)/TIM1_CH2 PG0/CAN_TX PC7 (HS)/SPI_MISO PC6 (HS)/SPI_MOSI VDDIO_2 VSS VCAP VDD VDDIO_1 [TIM3_CH1] TIM2_CH3/PA3 UART1_RX/(HS) PA4 UART1_TX/(HS) PA5 NRST OSCIN/PA1 OSCOUT/PA2 VSSIO_1 |