| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8S207MBT3 bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S207MBT3 bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 103 page ![]() Pinouts and pin description STM8S207xx, STM8S208xx 24/103 Doc ID 14733 Rev 9 Figure 4. LQFP 64-pin pinout 1. (HS) high sink capability. 2. (T) True open drain (P-buffer and protection diode to VDD not implemented). 3. [ ] alternate function remapping option (If the same alternate function is shown twice, it indicates an exclusive choice not a duplication of the function). 4. CAN_RX and CAN_TX is available on STM8S208xx devices only. 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 17 18 19 20 21 22 23 24 29 30 31 32 25 26 27 28 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 VSS VCAP VDD VDDIO_1 [TIM3_CH1] TIM2_CH3/PA3 UART1_RX/ (HS) PA4 UART1_TX/ (HS) PA5 UART1_CK/ (HS) PA6 AIN15/PF7 AIN14/PF6 AIN13/PF5 AIN12/PF4 NRST OSCIN/PA1 OSCOUT/PA2 VSSIO_1 PG1/CAN_RX PG0/CAN_TX PC7 (HS)/SPI_MISO PC6 (HS)/SPI_MOSI VDDIO_2 VSSIO_2 PC5 (HS)/SPI_SCK PC4 (HS)/TIM1_CH4 PC3 (HS)/TIM1_CH3 PC2 (HS)/TIM1_CH2 PC1 (HS)/TIM1_CH1 PE5/SPI_NSS PI0 PG4 PG3 PG2 |