| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC908JB16D bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HC908JB16D bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc |
|
3 / 12 page ![]() HC908JB16AD/D MC68HC908JB12 Addendum to MC68HC908JB16 Technical Data MC68HC908JB12 This section introduces the MC68HC908JB12, a derivative of the MC68HC908JB16. The entire MC68HC908JB16 data book, including the updates in this addendum, applies to this device, with exceptions outlined below. MCU Block Diagram Figure 3 shows the structure of the MC68HC908JB12. Memory Map Figure 4 shows the memory map of the MC68HC908JB12. Dual Clock Generator Module The dual 27-MHz clock generator module on the MC68HC908JB16 is not designed in the MC68HC908JB12, hence, register locations from $0051 to $0059 are unimplemented. Information in the data book relating to the CGM do not apply to the MC68HC908JB12. Table 1. Summary of MC68HC908JB12 and MC68HC908JB16 Differences MC68HC908JB12 MC68HC908JB16 FLASH Memory 12,288 bytes ($CA00–$F9FF) 16,384 bytes ($BA00–$F9FF) Dual Clock Generator Module Not implemented. $0051–$0059 unimplemented. Available in 32-pin LQFP only. Available Packages(1) — 28-pin SOIC 20-pin SOIC 32-pin LQFP 28-pin SOIC 20-pin SOIC Notes: 1. The pin assignments are identical for both devices; see data sheet. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |