| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRM101 bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DRM101 bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc |
|
8 / 56 page ![]() Introduction Blood Pressure Monitor Design Reference Manual, Rev. 0 2-2 Freescale Semiconductor Figure 2-1. Flexis BPM Reference Design Block Diagram 2.3 Quick Start This section sets up the system and explains the BPM reference design and how to use it. The reference design consists of: • The BPM system •A cuff • A PC software interface • A 1321x-SRB (sensor reference board) for ZigBee communication Motor Control Power Stage DC Motor Air Chamber Valve (Air Pump) MPXV5050GP High Pass Power Stage Filter (Pressure Sensor) Batteries USB Connector (Type B) Power Supply (3.3, 12 V) OLED (OS128064PK27MY0B00) 128 x 64 Pixels MC9S08JM60 (8-Bit MCU) MC13202 (ZigBee Transceiver) PCB Antenna MPR083 (Capacitive Touch) Electrodes (5) MR2A16A (MRAM) MC9S08QE128 MCU (80-Pin LQFP) Low Pass Filter (RC) Audio Amplifier (TBA820M) Speaker SPI (3) GPIO (3) ADC (1) SPI (4) Ctrl (2) I2C (2) GPIO (39) |