| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPXM2010D bảng dữ liệu(PDF) 22 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2010D bảng dữ liệu(HTML) 22 Page - Freescale Semiconductor, Inc |
|
22 / 24 page ![]() AN1950 Sensors 22 Freescale Semiconductor pula ;we are done bclr 4,porta ;so bclr 5,porta ;turn off LEDs rts iscmd: bsr lcdcmdo bra reuse1 ;-------- ROM DATA: contains all LCD messages ----------------------- msg01 db $01,$80,'*MPAK & 908QT4* ' db $C0,'Reference Design','@' msg01a db $01,$80,'Water Level & ' db $C0,'Flow v2.0','@' msg01b db $01,$80,'1:Level/Flow ' db $C0,'2:Set Units ','@' msg05 db $01,$80,'* Calibration! *' db $C0,'Curr lo/hi:','@' msg05a db $01,$80,'1st point: 0mm' db $C0,'SEL:cal ENT:quit','@' msg05b db $01,$80,'Calibrating... ' db $C0,' 0mm: ','@' msg05c db $01,$80,'2nd point: 160mm' db $C0,'ENT:continue ','@' msg05d db $01,$80,'Calibrating... ' db $C0,' 160mm: ','@' msg05e db $01,$80,'INVALID ' db $C0,'CALIBRATION! ','@' msg02a db $C8,' EMPTY','@' msg02b db $C8,' FULL','@' msg02c db $C8,' steady','@' msg02d db $C8,' H20 in','@' msg02e db $C8,' H20 out','@' msg03 db $01,$80,'1: unit=cm H20 ' db $C0,'2: unit=in H20 ','@' msg03a db $80,'Unit is now: cm','@' msg03b db $80,'Unit is now: in','@' menupos db $80,$C0 end REFERENCES Baum, Jeff, “Frequency Output Conversion for MPX2000 Series Pressure Sensors,” Application Note AN1316/D. Hamelain, JC, “Liquid Level Control Using a Pressure Sensor,” Application Note AN1516/D. |