công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC101161DT bảng dữ liệu(PDF) 45 Page - Freescale Semiconductor, Inc

tên linh kiện SC101161DT
Giải thích chi tiết về linh kiện  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC101161DT bảng dữ liệu(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button SC101161DT Datasheet HTML 41Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 42Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 43Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 44Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 45Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 46Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 47Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 48Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
45
Freescale Semiconductor
$0119
EADDRLO
Read:
Bit 7
654321
Bit 0
Write:
$011A
EDATAHI
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
$011B
EDATALO
Read:
Bit 7
654321
Bit 0
Write:
$011C - $011F
Reserved for RAM Control Register
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$011C -
$011F
Reserved
Read:
00000000
Write:
$0120 - $013F
ATD1 (Analog to Digital Converter 10 Bit 8 Channel)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$0120
ATD1CTL0
Read:
00000000
Write:
$0121
ATD1CTL1
Read:
00000000
Write:
$0122
ATD1CTL2
Read:
ADPU
AFFC
AWAI
ETRIGLE ETRIGP
ETRIG
ASCIE
ASCIF
Write:
$0123
ATD1CTL3
Read:
0
S8C
S4C
S2C
S1C
FIFO
FRZ1
FRZ0
Write:
$0124
ATD1CTL4
Read:
SRES8
SMP1
SMP0
PRS4
PRS3
PRS2
PRS1
PRS0
Write:
$0125
ATD1CTL5
Read:
DJM
DSGN
SCAN
MULT
0
CC
CB
CA
Write:
$0126
ATD1STAT0
Read:
SCF
0
ETORF
FIFOR
0
CC2
CC1
CC0
Write:
$0127
Reserved
Read:
00000000
Write:
$0128
ATD1TEST0
Read:
00000000
Write:
$0129
ATD1TEST1
Read:
00000
0
0
SC
Write:
$012A
Reserved
Read:
00000000
Write:
$012B
ATD1STAT1
Read:
CCF7
CCF6
CCF5
CCF4
CCF3
CCF2
CCF1
CCF0
Write:
$012C
Reserved
Read:
00000000
Write:
$012D
ATD1DIEN
Read:
Bit 7
654321
Bit 0
Write:
$012E
Reserved
Read:
00000000
Write:
$012F
PORTAD1
Read:
Bit7
654321
BIT 0
Write:
$0110 - $011B
EEPROM Control Register (eets2k)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com