công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M24LR64-R_1004 bảng dữ liệu(PDF) 3 Page - STMicroelectronics

tên linh kiện M24LR64-R_1004
Giải thích chi tiết về linh kiện  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R_1004 bảng dữ liệu(HTML) 3 Page - STMicroelectronics

  M24LR64-R_1004 Datasheet HTML 1Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 2Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 3Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 4Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 5Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 6Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 7Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 8Page - STMicroelectronics M24LR64-R_1004 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 126 page
background image
M24LR64-R
Contents
Doc ID 15170 Rev 9
3/126
5.8
Page Write . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
5.9
Minimizing system delays by polling on ACK . . . . . . . . . . . . . . . . . . . . . . 33
5.10
Read operations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
5.11
Random Address Read . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
5.12
Current Address Read . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
5.13
Sequential Read . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
5.14
Acknowledge in Read mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
6
User memory initial state . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
7
RF device operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
7.1
Commands . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
7.2
Initial dialog for vicinity cards . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
7.2.1
Power transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
7.2.2
Frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
7.2.3
Operating field . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
8
Communication signal from VCD to M24LR64-R . . . . . . . . . . . . . . . . . 39
9
Data rate and data coding . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
9.1
Data coding mode: 1 out of 256 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
9.2
Data coding mode: 1 out of 4 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
9.3
VCD to M24LR64-R frames . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
9.4
Start of frame (SOF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
10
Communications signal from M24LR64-R to VCD . . . . . . . . . . . . . . . . 46
10.1
Load modulation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
10.2
Subcarrier . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
10.3
Data rates . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
11
Bit representation and coding . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
11.1
Bit coding using one subcarrier . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
11.1.1
High data rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
11.1.2
Low data rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
11.2
Bit coding using two subcarriers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
11.3
High data rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More