| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPR450ALTR bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LPR450ALTR bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 14 page ![]() Package information LPR450AL 12/14 Doc ID 16575 Rev 1 6 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. Figure 5. LGA-28: mechanical data and package dimensions A1 1.1 A2 0.855 A3 0.200 D1 3.850 4.000 4.150 E1 4.850 5.000 5.150 L1 3.75 L2 2.75 N1 0.500 M 0.075 P1 2.200 P2 1.700 T1 0.265 0.325 0.385 T2 0.19 0.250 0.310 d 0.200 k 0.050 h 0.100 LGA-28 (4x5x1mm) Land Grid Array Package 8181393A |