công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACST830-8TTR bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện ACST830-8TTR
Giải thích chi tiết về linh kiện  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST830-8TTR bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  ACST830-8TTR Datasheet HTML 1Page - STMicroelectronics ACST830-8TTR Datasheet HTML 2Page - STMicroelectronics ACST830-8TTR Datasheet HTML 3Page - STMicroelectronics ACST830-8TTR Datasheet HTML 4Page - STMicroelectronics ACST830-8TTR Datasheet HTML 5Page - STMicroelectronics ACST830-8TTR Datasheet HTML 6Page - STMicroelectronics ACST830-8TTR Datasheet HTML 7Page - STMicroelectronics ACST830-8TTR Datasheet HTML 8Page - STMicroelectronics ACST830-8TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ACST8
Characteristics
Doc ID 7463 Rev 7
5/13
Figure 10.
On-state characteristics (maximum
values)
Figure 11.
Relative variation of critical rate of
decrease of main current (dI/dt)c
versus junction temperature
1
10
100
012
3
45
ITM (A)
T
j=25 °C
T
j=125 °C
T
j max :
V
to = 0.90 V
R
d = 50 mΩ
VTM (V)
(dI/dt)c[T ] /
j
(dI/dt)c[T =125°C]
j
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
25
50
75
100
125
Tj(°C)
Figure 12.
Relative variation of static dV/dt
immunity versus junction
temperature (gate open)
Figure 13.
Relative variation of leakage
current versus junction
temperature
dV/dt[T ] /
j
dV/dt[T =125°C]
j
0
1
2
3
4
5
6
7
8
9
10
11
25
50
75
100
125
V
D=VR=530 V
Tj(°C)
IDRM/IRRM [Tj;V DRM/VRRM]/IDRM/IRRM [Tj=125°C; 800V]
1.0E-03
1.0E-02
1.0E-01
1.0E+00
25
50
75
100
125
V
DRM=VRRM=800 V
V
DRM=VRRM=800 V
V
DRM=VRRM=600 V
V
DRM=VRRM=200 V
Tj(°C)
Different blocking voltages
Figure 14.
Relative variation of clamping
voltage (VCL) versus junction
temperature (minimum values)
Figure 15.
Thermal resistance junction to
ambient versus copper surface
under tab
VCL [Tjj/VCL[Tj=25°C]
0.85
0.90
0.95
1.00
1.05
1.10
1.15
-50
-25
0
25
50
75
100
125
Tj(°C)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
Rth(j-a) (°C/W)
D²PAK
SCU(cm²)
Printed circuit board FR4,
copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13