| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM6441 bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6441 bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 232 page ![]() 3.3.8.1 ARM Internal Memories 3.3.8.2 External Memories 3.3.8.3 DSP Memories 3.3.8.4 VICP Registers and Memories 3.3.8.5 ARM-DSP Integration 3.3.9 Peripherals 3.3.10 PLL Controller (PLLC) TMS320DM6441 Digital Media System-on-Chip www.ti.com SPRS359D – SEPTEMBER 2006 – REVISED MARCH 2008 The ARM has access to the following ARM internal memories: • 16KB ARM internal RAM on TCM interface, logically separated into two 8-KB pages to allow simultaneous access on any given cycle if there are separate accesses for code (I-TCM bus) and data (D-TCM) to the different memory regions. • 8KB ARM internal ROM The ARM has access to the following external memories: • DDR2 synchronous DRAM • Asynchronous EMIF / NOR flash / NAND flash • ATA/CF • Flash card devices: – MMC/SD with SDIO – Memory Stick/Memory Stick PRO – xD – SmartMedia The ARM has access to the following DSP memories: • L2 RAM • L1P RAM • L1D RAM The ARM has access to the registers and memories of the video/imaging coprocessor (VICP) subsystem. DM6441 ARM and DSP integration features are as follows: • DSP visibility from ARM’s memory map, see Section 3.5, Memory Map Summary, for details • Boot modes for DSP - see Device Configurations section, Section 4.3.3, DSP Boot, for details • ARM control of DSP boot / reset - see Device Configurations section, Section 4.3.2, ARM Boot, for details • ARM control of DSP isolation and powerdown / powerup - see Section 4, Device Configurations, for details • ARM & DSP Interrupts - see Section 7.7.1, ARM CPU Interrupts, and Section 7.7.2, DSP Interrupts, for details The ARM9 has access to all of the peripherals on the DM6441 device with the exception of the VICP. The ARM subsystem includes the PLL controller. The PLL controller contains a set of registers for configuring DM6441’s two internal PLLs (PLL1 and PLL2). The PLL controller provides the following configuration and control: • PLL bypass mode • Set PLL multiplier parameters • Set PLL divider parameters • PLL power down • Oscillator power down Submit Documentation Feedback Device Overview 13 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |