| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC2157 bảng dữ liệu(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2157 bảng dữ liệu(HTML) 12 Page - NXP Semiconductors |
|
12 / 45 page ![]() LPC2157_2158_2 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 02 — 9 February 2009 12 of 45 NXP Semiconductors LPC2157/2158 Single-chip 16-bit/32-bit microcontrollers P0[18]/CAP1[3]/ MISO1/MAT1[3] 79[1] I/O P0[18] — General purpose input/output digital pin (GPIO). I CAP1[3] — Capture input for Timer 1, channel 3. I/O MISO1 — Master In Slave Out for SSP. Data input to SPI master or data output from SSP slave. O MAT1[3] — Match output for Timer 1, channel 3. P0[19]/MAT1[2]/ MOSI1/CAP1[2] 80[1] I/O P0[19] — General purpose input/output digital pin (GPIO). O MAT1[2] — Match output for Timer 1, channel 2. I/O MOSI1 — Master Out Slave In for SSP. Data output from SSP master or data input to SSP slave. I CAP1[2] — Capture input for Timer 1, channel 2. P0[20]/MAT1[3]/ SSEL1/EINT3 81[2] I/O P0[20] — General purpose input/output digital pin (GPIO). O MAT1[3] — Match output for Timer 1, channel 3. I SSEL1 — Slave Select for SSP. Selects the SSP interface as a slave. I EINT3 — External interrupt 3 input. P0[21]/PWM5/ AD1[6]/CAP1[3] 91[4] I/O P0[21] — General purpose input/output digital pin (GPIO). O PWM5 — Pulse Width Modulator output 5. I AD1[6] — ADC 1, input 6. I CAP1[3] — Capture input for Timer 1, channel 3. P0[22]/AD1[7]/ CAP0[0]/ MAT0[0] 92[4] I/O P0[22] — General purpose input/output digital pin (GPIO). I AD1[7] — ADC 1, input 7. I CAP0[0] — Capture input for Timer 0, channel 0. O MAT0[0] — Match output for Timer 0, channel 0. P0[23]/VBUS 84[1] I/O P0[23] — General purpose input/output digital pin (GPIO). I VBUS — Indicates the presence of USB bus power. Note: This signal must be HIGH for USB reset to occur. P0[25]/AD0[4]/ AOUT 97[5] I/O P0[25] — General purpose input/output digital pin (GPIO). I AD0[4] — ADC 0, input 4. O AOUT — DAC output. P0[28]/AD0[1]/ CAP0[2]/MAT0[2] 1[4] I/O P0[28] — General purpose input/output digital pin (GPIO). I AD0[1] — ADC 0, input 1. I CAP0[2] — Capture input for Timer 0, channel 2. O MAT0[2] — Match output for Timer 0, channel 2. P0[29]/AD0[2]/ CAP0[3]/MAT0[3] 2[4] I/O P0[29] — General purpose input/output digital pin (GPIO). I AD0[2] — ADC 0, input 2. I CAP0[3] — Capture input for Timer 0, channel 3. O MAT0[3] — Match output for Timer 0, channel 3. P0[30]/AD0[3]/ EINT3/CAP0[0] 3[4] I/O P0[30] — General purpose input/output digital pin (GPIO). I AD0[3] — ADC 0, input 3. I EINT3 — External interrupt 3 input. I CAP0[0] — Capture input for Timer 0, channel 0. Table 3. Pin description LPC2158 …continued Symbol Pin Type Description |