công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC2102 bảng dữ liệu(PDF) 20 Page - NXP Semiconductors

tên linh kiện LPC2102
Giải thích chi tiết về linh kiện  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2102 bảng dữ liệu(HTML) 20 Page - NXP Semiconductors

Back Button LPC2102 Datasheet HTML 16Page - NXP Semiconductors LPC2102 Datasheet HTML 17Page - NXP Semiconductors LPC2102 Datasheet HTML 18Page - NXP Semiconductors LPC2102 Datasheet HTML 19Page - NXP Semiconductors LPC2102 Datasheet HTML 20Page - NXP Semiconductors LPC2102 Datasheet HTML 21Page - NXP Semiconductors LPC2102 Datasheet HTML 22Page - NXP Semiconductors LPC2102 Datasheet HTML 23Page - NXP Semiconductors LPC2102 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
LPC2101_02_03_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 2 June 2009
20 of 37
NXP Semiconductors
LPC2101/02/03
Single-chip 16-bit/32-bit microcontrollers
In Idle mode, execution of instructions is suspended until either a reset or interrupt occurs.
Peripheral functions continue operation during Idle mode and may generate interrupts to
cause the processor to resume execution. Idle mode eliminates power used by the
processor itself, memory systems and related controllers, and internal buses.
In Power-down mode, the oscillator is shut down and the chip receives no internal clocks.
The processor state and registers, peripheral registers, and internal SRAM values are
preserved throughout Power-down mode and the logic levels of chip output pins remain
static. The Power-down mode can be terminated and normal operation resumed by either
a reset or certain specific interrupts that are able to function without clocks. Since all
dynamic operation of the chip is suspended, Power-down mode reduces chip power
consumption to nearly zero.
Selecting an external 32 kHz clock instead of the PCLK as a clock-source for the on-chip
RTC will enable the microcontroller to have the RTC active during Power-down mode.
Power-down current is increased with RTC active. However, it is significantly lower than in
Idle mode.
In Deep-power down mode all power is removed from the internal chip logic except for the
RTC module, the I/O ports, the SRAM, and the 32 kHz external oscillator. For additional
power savings, SRAM and the 32 kHz oscillator can be powered down individually. The
Deep power-down mode produces the lowest possible power consumption without
actually removing power from the entire chip. In Deep power-down mode, the contents of
registers and memory are not preserved except for SRAM, if selected, and three general
purpose registers. Therefore, to resume operations, a full chip reset process is required.
A power selector module switches the RTC power supply from VBAT to VDD(1V8) whenever
the core voltage is present on pin VDD(1V8) to conserve battery power.
A power control for peripherals feature allows individual peripherals to be turned off if they
are not needed in the application, resulting in additional power savings during Active and
Idle mode.
6.17.8 APB
The APB divider determines the relationship between the processor clock (CCLK) and the
clock used by peripheral devices (PCLK). The APB divider serves two purposes. The first
is to provide peripherals with the desired PCLK via APB so that they can operate at the
speed chosen for the ARM processor. In order to achieve this, the APB may be slowed
down to 1
⁄
2 to
1
⁄
4 of the processor clock rate. Because the APB must work properly at
power-up (and its timing cannot be altered if it does not work since the APB divider control
registers reside on the APB), the default condition at reset is for the APB to run at 1
⁄
4 of the
processor clock rate. The second purpose of the APB divider is to allow power savings
when an application does not require any peripherals to run at the full processor rate.
Because the APB divider is connected to the PLL output, the PLL remains active (if it was
running) during Idle mode.
6.18 Emulation and debugging
The LPC2101/02/03 support emulation and debugging via a JTAG serial port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com