| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM75ADP bảng dữ liệu(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LM75ADP bảng dữ liệu(HTML) 21 Page - NXP Semiconductors |
|
21 / 24 page ![]() LM75A_4 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 04 — 10 July 2007 21 of 24 NXP Semiconductors LM75A Digital temperature sensor and thermal watchdog For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 15. Abbreviations MSL: Moisture Sensitivity Level Fig 15. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature Table 21. Abbreviations Acronym Description A-to-D Analog-to-Digital CDM Charged Device Model ESD ElectroStatic Discharge HBM Human Body Model I2C-bus Inter-Integrated Circuit bus I/O Input/Output LSB Lease Significant Bit LSByte Least Significant Byte MM Machine Model MSB Most Significant Bit MSByte Most Significant Byte POR Power-On Reset |