công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8331IBRGET bảng dữ liệu(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8331IBRGET
Giải thích chi tiết về linh kiện  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS8331IBRGET bảng dữ liệu(HTML) 20 Page - Texas Instruments

Back Button ADS8331IBRGET Datasheet HTML 16Page - Texas Instruments ADS8331IBRGET Datasheet HTML 17Page - Texas Instruments ADS8331IBRGET Datasheet HTML 18Page - Texas Instruments ADS8331IBRGET Datasheet HTML 19Page - Texas Instruments ADS8331IBRGET Datasheet HTML 20Page - Texas Instruments ADS8331IBRGET Datasheet HTML 21Page - Texas Instruments ADS8331IBRGET Datasheet HTML 22Page - Texas Instruments ADS8331IBRGET Datasheet HTML 23Page - Texas Instruments ADS8331IBRGET Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Oscillator
Divideby2
=1
=0
ConversionClock
(CCLK)
CFR_D10
SPISerial
Clock(SCLK)
CS
SCLK
Muxswitch
<30ns
CH
NEW
CH
OLD
ADS8331
ADS8332
SBAS363 – DECEMBER 2009
www.ti.com
REFERENCE
The ADS8331/32 can operate with an external reference with a range from 1.2V to 4.2V. A clean, low-noise
reference voltage on this pin is required to ensure good converter performance. A low-noise band-gap reference
such as the REF5025 or REF5040 can be used to drive this pin. A 10
μF ceramic bypass capacitor is required
between the REF+ and REF– pins of the converter. This capacitor should be placed as close as possible to the
pins of the device. Note that the REF– pin should not be connected to the AGND pin of the converter; instead,
the REF– pin must be connected to the analog ground plane with a separate via.
CONVERTER OPERATION
The ADS8331/32 has an internal oscillator that can be used as the conversion clock (CCLK) source. The
minimum frequency of this oscillator is 10.5MHz. The internal oscillator is only active during the conversion
period unless the converter is using Auto-Trigger and/or Auto-Nap modes. The minimum acquisition/sampling
time for the ADS8331/32 is 3 CCLKs (250ns with a 12MHz conversion clock), while the minimum conversion time
is 18 CCLKs (1500ns with a 12MHz conversion clock).
As shown in Figure 37, the ADS8331/32 can also be programmed to run conversions using the external serial
clock (SCLK). This feature allows system designers to achieve system synchronization. Each rising edge of
SCLK toggles the state of the conversion clock (CCLK), which reduces the frequency of SCLK by a factor of two
before it is used as CCLK. For example, a 21MHz SCLK provides a 10.5MHz CCLK. If the start of a conversion
must occur on a specific rising edge of SCLK when the external serial clock is used for the conversion clock (and
Manual-Trigger mode is enabled), a minimum setup time of 20ns between the falling edge of CONVST and the
rising edge of SCLK must be met. This timing ensures the conversion is completed in 18 CCLKs (36 SCLKs).
The duty cycle of SCLK is not critical, as long as the minimum high and low times (11ns for VA = 5.0V) are
satisfied. Because the ADS8331/32 is designed for high-speed applications, a high-frequency serial clock must
be supplied to maintain the high throughput of the interface. This requirement can be accomplished if the period
of SCLK is at most 1
μs when SCLK is used as the conversion clock (CCLK). The 1μs maximum period for SCLK
is also set by the leakage of charge from the capacitors in the capacitive digital-to-analog converter (CDAC)
block in the ADS8331/32. If SCLK is used as the conversion clock, the SCLK source must have minimal rise/fall
times and low jitter to provide the best converter performance.
Figure 37. Conversion Clock Source
Manual Channel Select Mode
Manual Channel Select mode is enabled through the Configuration register (CFR) by setting the CFR_D11 bit to
'0' (see Table 5). The acquisition process starts with selecting an input channel. This selection is done by writing
the desired channel number to the Command register (CMR); see Table 4 for further details. The associated
timing diagram is shown in Figure 38.
Figure 38. Manual Channel Select Timing
20
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com