| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GTL2012DC bảng dữ liệu(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
GTL2012DC bảng dữ liệu(HTML) 12 Page - NXP Semiconductors |
|
12 / 14 page ![]() GTL2012_1 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 01 — 9 August 2007 12 of 14 NXP Semiconductors GTL2012 2-bit LVTTL to GTL transceiver For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 15. Abbreviations 16. Revision history MSL: Moisture Sensitivity Level Fig 10. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature Table 11. Abbreviations Acronym Description CDM Charged Device Model CMOS Complementary Metal Oxide Silicon DUT Device Under Test ESD ElectroStatic Discharge GTL Gunning Transceiver Logic HBM Human Body Model LVTTL Low Voltage Transistor-Transistor Logic MM Machine Model PRR Pulse Repetition Rate TTL Transistor-Transistor Logic Table 12. Revision history Document ID Release date Data sheet status Change notice Supersedes GTL2012_1 20070809 Product data sheet - - |