| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GTL2003 bảng dữ liệu(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
GTL2003 bảng dữ liệu(HTML) 17 Page - NXP Semiconductors |
|
17 / 19 page ![]() GTL2003_1 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 01 — 27 July 2007 17 of 19 NXP Semiconductors GTL2003 8-bit bidirectional low voltage translator For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 16. Abbreviations 17. Revision history MSL: Moisture Sensitivity Level Fig 13. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature Table 15. Abbreviations Acronym Description CDM Charged Device Model CMOS Complementary Metal Oxide Semiconductor DUT Device Under Test ESD ElectroStatic Discharge GTL Gunning Transceiver Logic HBM Human Body Model I2C-bus Inter-Integrated Circuit bus LVTTL Low Voltage Transistor-Transistor Logic MM Machine Model NMOS Negative-channel Metal Oxide Semiconductor TTL Transistor-Transistor Logic TVC Transceiver Voltage Clamps Table 16. Revision history Document ID Release date Data sheet status Change notice Supersedes GTL2003_1 20070727 Product data sheet - - |