| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
10F222 bảng dữ liệu(PDF) 75 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
10F222 bảng dữ liệu(HTML) 75 Page - Microchip Technology |
|
75 / 86 page ![]() © 2007 Microchip Technology Inc. DS41270E-page 73 PIC10F220/222 13.0 PACKAGING INFORMATION 13.1 Package Marking Information XXX 8-Lead DFN* YWW NN Example XXXXXNNN 8-Lead PDIP XXXXXXXX YYWW Example PIC10F220 0520 6-Lead SOT-23* XXNN Example 20JR 3 e I/P 07Q BJ0 625 3Q Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |