công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4911-E/P bảng dữ liệu(PDF) 37 Page - Microchip Technology

tên linh kiện MCP4911-E/P
Giải thích chi tiết về linh kiện  8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4911-E/P bảng dữ liệu(HTML) 37 Page - Microchip Technology

Back Button MCP4911-E/P Datasheet HTML 33Page - Microchip Technology MCP4911-E/P Datasheet HTML 34Page - Microchip Technology MCP4911-E/P Datasheet HTML 35Page - Microchip Technology MCP4911-E/P Datasheet HTML 36Page - Microchip Technology MCP4911-E/P Datasheet HTML 37Page - Microchip Technology MCP4911-E/P Datasheet HTML 38Page - Microchip Technology MCP4911-E/P Datasheet HTML 39Page - Microchip Technology MCP4911-E/P Datasheet HTML 40Page - Microchip Technology MCP4911-E/P Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
 2010 Microchip Technology Inc.
DS22248A-page 37
MCP4901/4911/4921
8.0
PACKAGING INFORMATION
8.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available characters
for customer-specific information.
3
e
3
e
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
MCP4901
E/P
256
1010
MCP4901E
SN
1010
256
8-Lead MSOP
Example:
XXXXXX
YWWNNN
4901E
010256
3
e
3
e
8-Lead DFN (2x3)
Example:
XXX
YWW
NN
010
25
AHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50