| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4821-E/MS bảng dữ liệu(PDF) 45 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4821-E/MS bảng dữ liệu(HTML) 45 Page - Microchip Technology |
|
45 / 48 page ![]() 2010 Microchip Technology Inc. DS22244B-page 45 MCP4801/4811/4821 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX Package Temperature Range Device Device MCP4801: 8-Bit Voltage Output DAC MCP4801T: 8-Bit Voltage Output DAC (Tape and Reel, DFN, MSOP and SOIC only) MCP4811: 10-Bit Voltage Output DAC MCP4811T: 10-Bit Voltage Output DAC (Tape and Reel, DFN, MSOP and SOIC only) MCP4821: 12-Bit Voltage Output DAC MCP4821T: 12-Bit Voltage Output DAC (Tape and Reel, DFN, MSOP and SOIC only) Temperature Range E = -40 C to +125C (Extended) Package MC = 8-Lead Plastic Dual Flat, No Lead Package - 2x3x0.9 mm Body (DFN) MS = 8-Lead Plastic Micro Small Outline (MSOP) P = 8-Lead Plastic Dual In-Line (PDIP) SN = 8-Lead Plastic Small Outline - Narrow, 150 mil (SOIC) Examples: a) MCP4801-E/MC: Extended temperature, DFN package b) MCP4801T-E/MC: Extended temperature, DFN package, Tape and Reel c) MCP4801-E/MS: Extended temperature, MSOP package. d) MCP4801T-E/MS: Extended temperature, MSOP package, Tape and Reel. e) MCP4801-E/P: Extended temperature, PDIP package. f) MCP4801-E/SN: Extended temperature, SOIC package. g) MCP4801T-E/SN: Extended temperature, SOIC package, Tape and Reel. a) MCP4811-E/MC: Extended temperature, DFN package b) MCP4811T-E/MC: Extended temperature, DFN package, Tape and Reel c) MCP4811-E/MS: Extended temperature, MSOP package. d) MCP4811T-E/MS: Extended temperature, MSOP package, Tape and Reel. e) MCP4811-E/P: Extended temperature, PDIP package. f) MCP4811-E/SN: Extended temperature, SOIC package. g) MCP4811T-E/SN: Extended temperature, SOIC package, Tape and Reel. a) MCP4821-E/MC: Extended temperature, DFN package b) MCP4821T-E/MC: Extended temperature, DFN package, Tape and Reel c) MCP4821-E/MS: Extended temperature, MSOP package. d) MCP4821T-E/MS: Extended temperature, MSOP package, Tape and Reel. e) MCP4821-E/P: Extended temperature, PDIP package. f) MCP4821-E/SN: Extended temperature, SOIC package. g) MCP4821T-E/SN: Extended temperature, SOIC package, Tape and Reel. |