| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4901 bảng dữ liệu(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4901 bảng dữ liệu(HTML) 25 Page - Microchip Technology |
|
25 / 50 page ![]() 2010 Microchip Technology Inc. DS22248A-page 25 MCP4901/4911/4921 FIGURE 5-1: Write Command for MCP4921 (12-bit DAC). FIGURE 5-2: Write Command for MCP4911 (10-bit DAC). Note: X are don’t care bits. FIGURE 5-3: Write Command for MCP4901(8-bit DAC). Note: X are don’t care bits. SDI SCK CS 0 2 1 GA SHDN D11 D10 config bits 12 data bits LDAC 3 4 D9 5 6 7 D8 D7 D6 8 9 10 12 D5 D4 D3 D2 D1 D0 11 13 14 15 VOUT (Mode 1,1) (Mode 0,0) BUF 0 SDI SCK CS 0 2 1 GA SHDN D9 D8 config bits 12 data bits LDAC 3 4 D7 5 6 7 D6 D5 D4 8 9 10 12 D3 D2 D1 D0 X X 11 13 14 15 VOUT (Mode 1,1) (Mode 0,0) BUF 0 SDI SCK CS 0 2 1 GA SHDN config bits 12 data bits LDAC 3 4 5 6 7 X D7 D6 8 9 10 12 D5 D4 D3 D2 D1 D0 11 13 14 15 VOUT (Mode 1,1) (Mode 0,0) XX X BUF 0 |