| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4811-E/MS bảng dữ liệu(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4811-E/MS bảng dữ liệu(HTML) 23 Page - Microchip Technology |
|
23 / 48 page ![]() 2010 Microchip Technology Inc. DS22244B-page 23 MCP4801/4811/4821 FIGURE 5-1: Write Command for MCP4821 (12-bit DAC). FIGURE 5-2: Write Command for MCP4811 (10-bit DAC). FIGURE 5-3: Write Command for MCP4801 (8-bit DAC). SDI SCK CS 0 2 1 — GA SHDN D11 D10 config bits 12 data bits LDAC 3 4 D9 5 6 7 D8 D7 D6 8 9 10 12 D5 D4 D3 D2 D1 D0 11 13 14 15 VOUT (Mode 1,1) (Mode 0,0) 0 SDI SCK CS 0 2 1 — GA SHDN D9 D8 config bits 12 data bits LDAC 3 4 D7 5 6 7 D6 D5 D4 8 9 10 12 D3 D2 D1 D0 X X 11 13 14 15 VOUT (Mode 1,1) (Mode 0,0) Note: X = “don’t care” bits. 0 SDI SCK CS 0 2 1 — GA SHDN config bits 12 data bits LDAC 3 4 5 6 7 X D7 D6 8 9 10 12 D5 D4 D3 D2 D1 D0 11 13 14 15 VOUT (Mode 1,1) (Mode 0,0) XX X Note: X = “don’t care” bits. 0 |