công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4801T-E/MC bảng dữ liệu(PDF) 45 Page - Microchip Technology

tên linh kiện MCP4801T-E/MC
Giải thích chi tiết về linh kiện  8/10/12-Bit Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4801T-E/MC bảng dữ liệu(HTML) 45 Page - Microchip Technology

Back Button MCP4801T-E/MC Datasheet HTML 40Page - Microchip Technology MCP4801T-E/MC Datasheet HTML 41Page - Microchip Technology MCP4801T-E/MC Datasheet HTML 42Page - Microchip Technology MCP4801T-E/MC Datasheet HTML 43Page - Microchip Technology MCP4801T-E/MC Datasheet HTML 44Page - Microchip Technology MCP4801T-E/MC Datasheet HTML 45Page - Microchip Technology MCP4801T-E/MC Datasheet HTML 46Page - Microchip Technology MCP4801T-E/MC Datasheet HTML 47Page - Microchip Technology MCP4801T-E/MC Datasheet HTML 48Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
 2010 Microchip Technology Inc.
DS22244B-page 45
MCP4801/4811/4821
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device
MCP4801:
8-Bit Voltage Output DAC
MCP4801T:
8-Bit Voltage Output DAC
(Tape and Reel, DFN, MSOP and SOIC only)
MCP4811:
10-Bit Voltage Output DAC
MCP4811T:
10-Bit Voltage Output DAC
(Tape and Reel, DFN, MSOP and SOIC only)
MCP4821:
12-Bit Voltage Output DAC
MCP4821T:
12-Bit Voltage Output DAC
(Tape and Reel, DFN, MSOP and SOIC only)
Temperature Range
E
= -40
C to +125C
(Extended)
Package
MC
=
8-Lead Plastic Dual Flat, No Lead Package -
2x3x0.9 mm Body (DFN)
MS
=
8-Lead Plastic Micro Small Outline (MSOP)
P
=
8-Lead Plastic Dual In-Line (PDIP)
SN
=
8-Lead Plastic Small Outline - Narrow, 150 mil
(SOIC)
Examples:
a)
MCP4801-E/MC:
Extended temperature,
DFN package
b)
MCP4801T-E/MC: Extended temperature,
DFN package,
Tape and Reel
c)
MCP4801-E/MS:
Extended temperature,
MSOP package.
d)
MCP4801T-E/MS:
Extended temperature,
MSOP package,
Tape and Reel.
e)
MCP4801-E/P:
Extended temperature,
PDIP package.
f)
MCP4801-E/SN:
Extended temperature,
SOIC package.
g)
MCP4801T-E/SN:
Extended temperature,
SOIC package,
Tape and Reel.
a)
MCP4811-E/MC:
Extended temperature,
DFN package
b)
MCP4811T-E/MC:
Extended temperature,
DFN package,
Tape and Reel
c)
MCP4811-E/MS:
Extended temperature,
MSOP package.
d)
MCP4811T-E/MS:
Extended temperature,
MSOP package,
Tape and Reel.
e)
MCP4811-E/P:
Extended temperature,
PDIP package.
f)
MCP4811-E/SN:
Extended temperature,
SOIC package.
g)
MCP4811T-E/SN:
Extended temperature,
SOIC package,
Tape and Reel.
a)
MCP4821-E/MC:
Extended temperature,
DFN package
b)
MCP4821T-E/MC: Extended temperature,
DFN package,
Tape and Reel
c)
MCP4821-E/MS:
Extended temperature,
MSOP package.
d)
MCP4821T-E/MS:
Extended temperature,
MSOP package,
Tape and Reel.
e)
MCP4821-E/P:
Extended temperature,
PDIP package.
f)
MCP4821-E/SN:
Extended temperature,
SOIC package.
g)
MCP4821T-E/SN:
Extended temperature,
SOIC package,
Tape and Reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com