| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS1500-FSZ bảng dữ liệu(PDF) 20 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS1500-FSZ bảng dữ liệu(HTML) 20 Page - Cirrus Logic |
|
20 / 22 page ![]() CS1500 20 DS849A5 May ?$shortyear> CONFIDENTIAL 6. DEFINITIONS Variable Definition η The efficiency factor. α A margin factor to guarantee rated power against tolerances and transients. fline(min) The minimum AC line frequency. IAC The current generated by Vrect that flows into the IAC pin. IFB The current generated by Vlink that flows into the FB pin. IFET(pk) The PFC MOSFET peak current, which is equal to the peak current in the PFC boost inductor. Irms The magnitude of the RMS current. Isat The boost inductor LB saturation current. Ist The sum of the current into the IAC and FB pins. IST The startup current of the chip. LB The PFC boost inductor. Po The nominal output power from the CS1500 PFC circuit. Po(max) The maximum value of the output power from the CS1500 PFC circuit. RAC The sense resistor used to measure current into the IAC pin. RFB The sense resistor used to measure current into the FB pin. Vin(min) The minimum specified line voltage for proper operation (volts RMS). Vlink The magnitude of the output voltage from the PFC. Vlink(min) The magnitude of the output voltage from the PFC. ΔVlink(rip) ΔVlink(rip), is the output voltage ripple requirement in volts peak-to-peak Vrect The instantaneous value of the rectified line voltage (volts). |