công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PD84010S-E bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện PD84010S-E
Giải thích chi tiết về linh kiện  RF power transistor, LDMOST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD84010S-E bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button PD84010S-E Datasheet HTML 5Page - STMicroelectronics PD84010S-E Datasheet HTML 6Page - STMicroelectronics PD84010S-E Datasheet HTML 7Page - STMicroelectronics PD84010S-E Datasheet HTML 8Page - STMicroelectronics PD84010S-E Datasheet HTML 9Page - STMicroelectronics PD84010S-E Datasheet HTML 10Page - STMicroelectronics PD84010S-E Datasheet HTML 11Page - STMicroelectronics PD84010S-E Datasheet HTML 12Page - STMicroelectronics PD84010S-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PD84010-E, PD84010S-E
Package mechanical data
9/14
Note:
Resin protrusions not included (max value: 0.15 mm per side)
Figure 13.
Package dimensions
Table 9.
PowerSO-10RF formed lead (Gull Wing) mechanical data
Dim.
mm.
Inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A1
0
0.05
0.1
0.
0.0019
0.0038
A2
3.4
3.5
3.6
0.134
0.137
0.142
A3
1.2
1.3
1.4
0.046
0.05
0.054
A4
0.15
0.2
0.25
0.005
0.007
0.009
a0.2
0.007
b
5.4
5.53
5.65
0.212
0.217
0.221
c
0.23
0.27
0.32
0.008
0.01
0.012
D
9.4
9.5
9.6
0.370
0.374
0.377
D1
7.4
7.5
7.6
0.290
0.295
0.298
E
13.85
14.1
14.35
0.544
0.555
0.565
E1
9.3
9.4
9.5
0.365
0.37
0.375
E2
7.3
7.4
7.5
0.286
0.292
0.294
E3
5.9
6.1
6.3
0.231
0.24
0.247
F0.5
0.019
G1.2
0.047
L
0.8
1
1.1
0.030
0.039
0.042
R1
0.25
0.01
R2
0.8
0.031
T
2 deg
5 deg
8 deg
2 deg
5 deg
8 deg
T1
6 deg
6 deg
T2
10 deg
10 deg
Critical dimensions:
- Stand-off (A1)
- Overall width (L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14