| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS3USB221DRCR bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TS3USB221DRCR bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 20 page ![]() ELECTRICAL CHARACTERISTICS (1) DYNAMIC ELECTRICAL CHARACTERISTICS TS3USB221 SCDS220F – NOVEMBER 2006 – REVISED NOVEMBER 2008....................................................................................................................................... www.ti.com over operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(2) MAX UNIT VIK VCC = 3.6 V, 2.7 V, II = –18 mA –1.8 V Control IIN VCC = 3.6 V, 2.7 V, 0 V, VIN = 0 V to 3.6 V ±1 µA inputs VCC = 3.6 V, 2.7 V, VIN = VCC or GND, IOZ (3) ±1 µA VO = 0 V to 3.6 V, VI = 0 V, Switch OFF VI/O = 0 V to 3.6 V ±2 I(OFF) VCC = 0 V µA VI/O = 0 V to 2.7 V ±1 VCC = 3.6 V, 2.7 V, II/O = 0 V, ICC 30 µA VIN = VCC or GND, Switch ON or OFF ICC VCC = 3.6 V, 2.7 V, Switch disabled (low power 1 µA VIN = VCC or GND (OE in high state) mode) VCC = 3.6 V 20 Control One input at 1.8 V, ΔICC (4) µA inputs Other inputs at VCC or GND VCC = 2.7 V 0.5 Control Cin VCC = 3.3 V, 2.5 V, VIN = 3.3 V or 0 V 1 2 pF inputs Cio(OFF) VCC = 3.3 V, 2.5 V, VI/O = 3.3 V or 0 V, Switch OFF 3 4 pF Cio(ON) VCC = 3.3 V, 2.5 V, VI/O = 3.3 V or 0 V, Switch ON 5 6 pF VI = 0 V, IO = 30 mA 6 ron (5) VCC = 3 V, 2.3 V Ω VI = 2.4 V, IO = –15 mA 6 VI = 0 V, IO = 30 mA 0.2 Δron VCC = 3 V, 2.3 V Ω VI = 1.7, IO = –15 mA 0.2 VI = 0 V, IO = 30 mA 1 ron(flat) VCC = 3 V, 2.3 V Ω VI = 1.7, IO = –15 mA 1 (1) VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins. (2) All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C. (3) For I/O ports, the parameter IOZ includes the input leakage current. (4) This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND. (5) Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is determined by the lower of the voltages of the two (A or B) terminals. over operating range, TA = –40°C to 85°C, VCC = 3.3 V ± 10%, GND = 0 V PARAMETER TEST CONDITIONS TYP(1) UNIT XTALK Crosstalk RL = 50 Ω, f = 250 MHz –40 dB OIRR OFF isolation RL = 50 Ω, f = 250 MHz –41 dB BW Bandwidth (–3 dB) RL = 50 Ω 1.1 GHz (1) For Max or Min conditions, use the appropriate value specified under Electrical Characteristics for the applicable device type. 4 Submit Documentation Feedback Copyright © 2006–2008, Texas Instruments Incorporated Product Folder Link(s): TS3USB221 |