| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS3USB221A bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TS3USB221A bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 17 page ![]() ABSOLUTE MAXIMUM RATINGS (1) PACKAGE THERMAL IMPEDANCE RECOMMENDED OPERATING CONDITIONS TS3USB221A www.ti.com .......................................................................................................................................................................................... SCDS277 – NOVEMBER 2008 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 4.6 V VIN Control input voltage range(2)(3) –0.5 7 V VI/O Switch I/O voltage range(2)(3)(4) –0.5 7 V IIK Control input clamp current VIN < 0 –50 mA II/OK I/O port clamp current VI/O < 0 –50 mA II/O ON-state switch current(5) ±120 mA Continuous current through VCC or GND ±100 mA Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltages are with respect to ground, unless otherwise specified. (3) The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. (4) VI and VO are used to denote specific conditions for VI/O. (5) II and IO are used to denote specific conditions for II/O. over operating free-air temperature range (unless otherwise noted) UNIT θ JA Package thermal impedance(1) RSE package 243 °C/W (1) The package thermal impedance is calculated in accordance with JESD 51-7. MIN MAX UNIT VCC Supply voltage 2.3 3.6 V VCC = 2.3 V to 2.7 V 0.46 × VCC VIH High-level control input voltage V VCC = 2.7 V to 3.6 V 0.46 × VCC VCC = 2.3 V to 2.7 V 0.25 × VCC VIL Low-level control input voltage V VCC = 2.7 V to 3.6 V 0.25 × VCC VI/O Data input/output voltage 0 5.5 V TA Operating free-air temperature –40 85 °C Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): TS3USB221A |