công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC1T45DBVR bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74LVC1T45DBVR
Giải thích chi tiết về linh kiện  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1T45DBVR bảng dữ liệu(HTML) 4 Page - Texas Instruments

  SN74LVC1T45DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1T45DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Recommended Operating Conditions
(1) (2) (3)
SN74LVC1T45
SCES515I – DECEMBER 2003 – REVISED MAY 2009 ..................................................................................................................................................... www.ti.com
VCCI
VCCO
MIN
MAX
UNIT
VCCA
1.65
5.5
Supply voltage
V
VCCB
1.65
5.5
1.65 V to 1.95 V
VCCI × 0.65
2.3 V to 2.7 V
1.7
High-level
VIH
Data inputs(4)
V
input voltage
3 V to 3.6 V
2
4.5 V to 5.5 V
VCCI × 0.7
1.65 V to 1.95 V
VCCI × 0.35
2.3 V to 2.7 V
0.7
Low-level
VIL
Data inputs(4)
V
input voltage
3 V to 3.6 V
0.8
4.5 V to 5.5 V
VCCI × 0.3
1.65 V to 1.95 V
VCCA × 0.65
2.3 V to 2.7 V
1.7
High-level
DIR
VIH
V
input voltage
(referenced to VCCA)
(5)
3 V to 3.6 V
2
4.5 V to 5.5 V
VCCA × 0.7
1.65 V to 1.95 V
VCCA × 0.35
2.3 V to 2.7 V
0.7
Low-level
DIR
VIL
V
input voltage
(referenced to VCCA)
(5)
3 V to 3.6 V
0.8
4.5 V to 5.5 V
VCCA × 0.3
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCCO
V
1.65 V to 1.95 V
–4
2.3 V to 2.7 V
–8
IOH
High-level output current
mA
3 V to 3.6 V
–24
4.5 V to 5.5 V
–32
1.65 V to 1.95 V
4
2.3 V to 2.7 V
8
IOL
Low-level output current
mA
3 V to 3.6 V
24
4.5 V to 5.5 V
32
1.65 V to 1.95 V
20
2.3 V to 2.7 V
20
Data inputs
Input transition
Δt/Δv
3 V to 3.6 V
10
ns/V
rise or fall rate
4.5 V to 5.5 V
5
Control inputs
1.65 V to 5.5 V
5
TA
Operating free-air temperature
–40
85
°C
(1)
VCCI is the VCC associated with the input port.
(2)
VCCO is the VCC associated with the output port.
(3)
All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(4)
For VCCI values not specified in the data sheet, VIH min = VCCI × 0.7 V, VIL max = VCCI × 0.3 V.
(5)
For VCCI values not specified in the data sheet, VIH min = VCCA × 0.7 V, VIL max = VCCA × 0.3 V.
4
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): SN74LVC1T45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com