công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CDCLVP1212RHAT bảng dữ liệu(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CDCLVP1212RHAT
Giải thích chi tiết về linh kiện  12 LVPECL Output, High-Performance Clock Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CDCLVP1212RHAT bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button CDCLVP1212RHAT Datasheet HTML 9Page - Texas Instruments CDCLVP1212RHAT Datasheet HTML 10Page - Texas Instruments CDCLVP1212RHAT Datasheet HTML 11Page - Texas Instruments CDCLVP1212RHAT Datasheet HTML 12Page - Texas Instruments CDCLVP1212RHAT Datasheet HTML 13Page - Texas Instruments CDCLVP1212RHAT Datasheet HTML 14Page - Texas Instruments CDCLVP1212RHAT Datasheet HTML 15Page - Texas Instruments CDCLVP1212RHAT Datasheet HTML 16Page - Texas Instruments CDCLVP1212RHAT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Board
Supply
Chip
Supply
C
10 F
m
C
1 F
m
C
0.1 F(x6)
m
FerriteBead
V
CC
(a)OutputDCTermination
(b)OutputACTermination
CDCLVP1212
LVPECL
86 W
86 W
50 W
50 W
V
BB
CDCLVP1212
LVPECL
105 W
96 W
105 W
96 W
V
CC
V
CC
CDCLVP1212
www.ti.com
SCAS886A – AUGUST 2009 – REVISED MAY 2010
Figure 13 illustrates this recommended power-supply decoupling method.
Figure 13. Power-Supply Decoupling
LVPECL Output Termination
The CDCLVP1212 is an open emitter for LVPECL outputs. Therefore, proper biasing and termination are
required to ensure correct operation of the device and to minimize signal integrity. The proper termination for
LVPECL outputs is a 50
Ω to (VCC –2) V, but this dc voltage is not readily available on PCB. Therefore, a
Thevenin equivalent circuit is worked out for the LVPECL termination in both direct-coupled (dc) and ac-coupled
configurations. These configurations are shown in Figure 14a and b for VCC = 2.5 V and Figure 15a and b for VCC
= 3.3 V, respectively. It is recommended to place all resistive components close to either the driver end or the
receiver end. If the supply voltage for the driver and receiver is different, ac coupling is required.
Figure 14. LVPECL Output DC and AC Termination for VCC = 2.5 V
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): CDCLVP1212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com