| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS8427-CSZ bảng dữ liệu(PDF) 41 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS8427-CSZ bảng dữ liệu(HTML) 41 Page - Cirrus Logic |
|
41 / 60 page ![]() CS8427 DS477F5 41 TXP TXN 25 26 Differential Line Driver (Output) - Drivers transmit AES3 data and are pulled low while the CS8427 is in the reset state. AD1/CDIN 27 Address Bit 1 (I²C) / Serial Control Data in (SPI) (Input) - In I²C mode, AD1 is a chip address pin. In SPI mode, CDIN is the input data line for the control port interface SCL/CCLK 28 Control Port Clock (Input) - Serial control interface clock and is used to clock control data bits into and out of the CS8427. In I²C mode, SCL requires an external pull-up resistor to VL+ |