| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5461 bảng dữ liệu(PDF) 22 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5461 bảng dữ liệu(HTML) 22 Page - Cirrus Logic |
|
22 / 45 page ![]() CS5461 22 DS546F2 Step H3 - Clear the Status Register by writing back the read value in step H0. Step H4 - Re-enable interrupts. Step H5 - Return from interrupt service routine. This handshaking procedure insures that any new interrupts activated between steps H0 and H3 are not lost (cleared) by step H3. 4.9.2 INT Active State The behavior of the INT pin is controlled by the IMODE and IINV bits of the Configuration Regis- ter. The pin can be active low (default), active high, active on a return to logic 0 (pulse-low), or active on a return to logic 1 (pulse-high). If the interrupt output signal format is set for either pulse-high or pulse-low, the duration of the INT pulse will be at least one DCLK cycle (DCLK = MCLK / K). 4.10 Voltage Sag-Detect Feature The CS5461 includes Status Register bit, VSAG; which indicates a sag in the power line voltage. In order for sag condition to be identified, the mea- sured VRMS must remain below a set sag threshold level for a specified period of time. To activate this feature, a voltage threshold value must be specified in the Voltage Sag Level Register (VSAGLevel); and a time-duration must be specified in the Voltage Sag Duration Register (VSAGDura- tion ). This Time Duration is specified in terms of A/D cycles. If VRMS is measured below the level specified in the VSAGLevel Register for a duration of time great- er than or equal to the number of A/D conversions specified in the VSAGDuration Register, then the VSAG bit in the Status Register will be asserted. |