| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS4299 bảng dữ liệu(PDF) 43 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4299 bảng dữ liệu(HTML) 43 Page - Cirrus Logic |
|
43 / 81 page ![]() CS4205 DS489PP4 43 Slot Assignment Mode Codec ID Slot Map AMAP Slot Assignments ID1 ID0 SM1 SM0 DAC SDOUT SDO2 ADC SPDIF for SPDS = 00 SPDIF for SPDS = 01 L R LR LR LR M AMAP Mode 0 0 0 X X 1 3 47869346 AMAP Mode 1 0 1 X X 1 3 47869346 AMAP Mode 2 1 0 X X 1 7 869 10 11 786 AMAP Mode 3 1 1 X X 1 6 978 10 11 786 Slot Map Mode 0 X X 0 0 0 3 47869346 Slot Map Mode 1 X X 0 1 0 7 869 10 11 786 Slot Map Mode 2 X X 1 0 0 6 978 10 11 786 Slot Map Mode 3 X X 1 1 0 5 11 78695 11 6 Table 14. Slot Mapping for the CS4205 CAPS[1:0], SDOS[1:0], or SPDS[1:0] L/R Capture Source (CAPS[1:0]) Serial Data Output Source (SDOS[1:0]) S/PDIF Transmitter Source (SPDS[1:0]) 00 L/R ADCs SDOUT slots DAC slots 01 reserved reserved SDO2 slots 10 Digital Mixer Digital Mixer Digital Mixer 11 Digital Effects Digital Effects Digital Effects Table 15. Digital Signal Source Selects |