công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS4297A bảng dữ liệu(PDF) 68 Page - Cirrus Logic

tên linh kiện CS4297A
Giải thích chi tiết về linh kiện  CrystalClear짰 Audio Codec ??7 for Portable Computing
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297A bảng dữ liệu(HTML) 68 Page - Cirrus Logic

Back Button CS4297A Datasheet HTML 64Page - Cirrus Logic CS4297A Datasheet HTML 65Page - Cirrus Logic CS4297A Datasheet HTML 66Page - Cirrus Logic CS4297A Datasheet HTML 67Page - Cirrus Logic CS4297A Datasheet HTML 68Page - Cirrus Logic CS4297A Datasheet HTML 69Page - Cirrus Logic CS4297A Datasheet HTML 70Page - Cirrus Logic CS4297A Datasheet HTML 71Page - Cirrus Logic CS4297A Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 81 page
background image
CS4205
68
DS489PP4
13. GROUNDING AND LAYOUT
Figure 33 on page 69 shows the conceptual layout
for the CS4205 in XTAL or OSC clocking modes.
The decoupling capacitors should be located phys-
ically as close to the pins as possible. Also, note the
connection of the REFFLT decoupling capacitors
to the ground return trace connected directly to the
ground return pin, AVss1.
It is strongly recommended that separate analog
and digital ground planes be used. Separate ground
planes keep digital noise and return currents from
modulating the CS4205 ground potential and de-
grading performance. The digital ground pins
should be connected to the digital ground plane and
kept separate from the analog ground connections
of the CS4205 and any other external analog cir-
cuitry. All analog components and traces should be
located over the analog ground plane and all digital
components and traces should be located over the
digital ground plane.
The common connection point between the two
ground planes (required to maintain a common
ground voltage potential) should be located under
the CS4205. The AC-link digital interface connec-
tion traces should be routed such that the digital
ground plane lies underneath these signals (on the
internal ground layer). This applies along the entire
length of these traces from the AC ’97 controller to
the CS4205.
Refer to the Application Note AN18: Layout and
Design Rules for Data Converters and Other
Mixed Signal Devices [2] for more information on
layout and design rules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81