công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP320C6722BRFP300 bảng dữ liệu(PDF) 24 Page - Texas Instruments

tên linh kiện TMP320C6722BRFP300
Giải thích chi tiết về linh kiện  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6722BRFP300 bảng dữ liệu(HTML) 24 Page - Texas Instruments

Back Button TMP320C6722BRFP300 Datasheet HTML 20Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 21Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 22Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 23Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 24Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 25Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 26Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 27Page - Texas Instruments TMP320C6722BRFP300 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 118 page
background image
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
Table 2-12. Terminal Functions (continued)
GDH/
SIGNAL NAME
RFP
TYPE(1)
PULL(2)
GPIO(3)
DESCRIPTION
ZDH
McASP0, McASP1, McASP2, and SPI1 Serial Ports(4)
AHCLKR0/AHCLKR1
143
B3
IO
-
Y
McASP0 and McASP1 Receive Master Clock
ACLKR0
139
A5
IO
-
Y
McASP0 Receive Bit Clock
AFSR0
141
B4
IO
-
Y
McASP0 Receive Frame Sync (L/R Clock)
AHCLKX0/AHCLKX2
2
C2
IO
-
Y
McASP0 and McASP2 Transmit Master Clock(4)
ACLKX0
142
A4
IO
-
Y
McASP0 Transmit Bit Clock
AFSX0
144
A3
IO
-
Y
McASP0 Transmit Frame Sync (L/R Clock)
AMUTE0
3
C1
O
-
Y
McASP0 MUTE Output
AXR0[0]
113
A14
IO
-
Y
McASP0 Serial Data 0
AXR0[1]
115
B13
IO
-
Y
McASP0 Serial Data 1
AXR0[2]
116
A13
IO
-
Y
McASP0 Serial Data 2
AXR0[3]
117
B12
IO
-
Y
McASP0 Serial Data 3
AXR0[4]
119
A12
IO
-
Y
McASP0 Serial Data 4
AXR0[5]/SPI1_SCS
120
B11
IO
-
Y
McASP0 Serial Data 5 or SPI1 Slave Chip Select
AXR0[6]/SPI1_ENA
121
A11
IO
-
Y
McASP0 Serial Data 6 or SPI1 Enable (Ready)
AXR0[7]/SPI1_CLK
122
B10
IO
-
Y
McASP0 Serial Data 7 or SPI1 Serial Clock
AXR0[8]/AXR1[5]/
McASP0 Serial Data 8 or McASP1 Serial Data 5 or SPI1
126
B9
IO
-
Y
SPI1_SOMI
Data Pin Slave Out Master In
AXR0[9]/AXR1[4]/
McASP0 Serial Data 9 or McASP1 Serial Data 4 or SPI1
127
A9
IO
-
Y
SPI1_SIMO
Data Pin Slave In Master Out
AXR0[10]/AXR1[3]
130
B8
IO
-
Y
McASP0 Serial Data 10 or McASP1 Serial Data 3
AXR0[11]/AXR1[2]
131
A8
IO
-
Y
McASP0 Serial Data 11 or McASP1 Serial Data 2
AXR0[12]/AXR1[1]
134
B7
IO
-
Y
McASP0 Serial Data 12 or McASP1 Serial Data 1
AXR0[13]/AXR1[0]
135
B6
IO
-
Y
McASP0 Serial Data 13 or McASP1 Serial Data 0
AXR0[14]/AXR2[1]
137
A6
IO
-
Y
McASP0 Serial Data 14 or McASP2 Serial Data 1(4)
AXR0[15]/AXR2[0]
138
B5
IO
-
Y
McASP0 Serial Data 15 or McASP2 Serial Data 0(4)
ACLKR1
9
E1
IO
-
Y
McASP1 Receive Bit Clock
AFSR1
12
F1
IO
-
Y
McASP1 Receive Frame Sync (L/R Clock)
AHCLKX1
5
D1
IO
-
Y
McASP1 Transmit Master Clock
ACLKX1
7
E2
IO
-
Y
McASP1 Transmit Bit Clock
AFSX1
11
F2
IO
-
Y
McASP1 Transmit Frame Sync (L/R Clock)
AMUTE1
4
D2
O
-
Y
McASP1 MUTE Output
AHCLKR2
-
C14
IO
IPD
Y
McASP2 Receive Master Clock
ACLKR2
-
C13
IO
IPD
Y
McASP2 Receive Bit Clock
AFSR2
-
C12
IO
IPD
Y
McASP2 Receive Frame Sync (L/R Clock)
ACLKX2
-
D11
IO
IPD
Y
McASP2 Transmit Bit Clock
AFSX2
-
C11
IO
IPD
Y
McASP2 Transmit Frame Sync (L/R Clock)
AMUTE2/HINT
-
D10
O
IPD
Y
McASP2 MUTE Output or UHPI Host Interrupt
SPI0, I2C0, and I2C1 Serial Port Pins
SPI0_SOMI/I2C0_SDA
111
B14
IO
-
Y
SPI0 Data Pin Slave Out Master In or I2C0 Serial Data
SPI0_SIMO
110
B15
IO
-
Y
SPI0 Data Pin Slave In Master Out
SPI0_CLK/I2C0_SCL
108
C16
IO
-
Y
SPI0 Serial Clock or I2C0 Serial Clock
SPI0_SCS/I2C1_SCL
107
C15
IO
-
Y
SPI0 Slave Chip Select or I2C1 Serial Clock
SPI0_ENA/I2C1_SDA
105
D16
IO
-
Y
SPI0 Enable (Ready) or I2C1 Serial Data
(4)
McASP2 is not available on the C6722B and C6720.
Device Overview
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More