công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP320C6726BRFP300 bảng dữ liệu(PDF) 16 Page - Texas Instruments

tên linh kiện TMP320C6726BRFP300
Giải thích chi tiết về linh kiện  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6726BRFP300 bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button TMP320C6726BRFP300 Datasheet HTML 12Page - Texas Instruments TMP320C6726BRFP300 Datasheet HTML 13Page - Texas Instruments TMP320C6726BRFP300 Datasheet HTML 14Page - Texas Instruments TMP320C6726BRFP300 Datasheet HTML 15Page - Texas Instruments TMP320C6726BRFP300 Datasheet HTML 16Page - Texas Instruments TMP320C6726BRFP300 Datasheet HTML 17Page - Texas Instruments TMP320C6726BRFP300 Datasheet HTML 18Page - Texas Instruments TMP320C6726BRFP300 Datasheet HTML 19Page - Texas Instruments TMP320C6726BRFP300 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 118 page
background image
2.8 Boot Modes
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
The C672x DSP supports only one hardware bootmode option, this is to boot from the internal ROM
starting at address 0x0000 0000. Other bootmode options are implemented by a software bootloader
stored in ROM. The software bootloader uses the CFGPIN0 and CFGPIN1 registers, which capture the
state of various device pins at reset, to determine which mode to enter. Note that in practice, only a few
pins are used by the software.
CAUTION
Only an externally applied RESET causes the CFGPIN0 and CFGPIN1 registers to
recapture their associated pin values. Neither an emulator reset nor a RTI reset
causes these registers to update.
The ROM bootmodes include:
• Parallel Flash on EM_CS[2]
• SPI0 or I2C1 master mode from serial EEPROM
• SPI0 or I2C1 slave mode from external MCU
• UHPI from an external MCU
Table 2-9 describes the required boot pin settings at device reset for each bootmode.
Table 2-9. Required Boot Pin Settings at Device Reset
BOOT MODE
UHPI_HCS
SPI0_SOMI
SPI0_SIMO
SPI0_CLK
UHPI
0
BYTEAD(1)
FULL(1)
NMUX(1)
Parallel Flash
1
0
1
0
SPI0 Master
1
0
0
1
SPI0 Slave
1
0
1
1
I2C1 Master
1
1
0
1
I2C1 Slave
1
1
1
1
(1)
When UHPI_HCS is 0, the state of the SPI0_SOMI, SPI0_SIMO, and SPI0_CLK pins is copied into the specified bits in the CFGHPI
register described in Table 4-14.
Refer to the C9230C100 TMS320C672x Floating-Point Digital Signal Processor ROM Data Manual
(literature number SPRS277) for details on supported bootmodes and their implementation.
16
Device Overview
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com