công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SFSH3.58MCB bảng dữ liệu(PDF) 3 Page - Yamar Electronics Ltd.

tên linh kiện SFSH3.58MCB
Giải thích chi tiết về linh kiện  Independent DC-LIN Slave For Asynchronous Communication Over Noisy Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YAMAR [Yamar Electronics Ltd.]
Trang chủ  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSH3.58MCB bảng dữ liệu(HTML) 3 Page - Yamar Electronics Ltd.

  SFSH3.58MCB Datasheet HTML 1Page - Yamar Electronics Ltd. SFSH3.58MCB Datasheet HTML 2Page - Yamar Electronics Ltd. SFSH3.58MCB Datasheet HTML 3Page - Yamar Electronics Ltd. SFSH3.58MCB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSH3.58MCB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSH3.58MCB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSH3.58MCB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSH3.58MCB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSH3.58MCB Datasheet HTML 9Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Proprietary and Confidential Information of YAMAR Electronics Ltd.
© 2007 Yamar Electronics Ltd.
3
DS-ISL40 R1.6
3
OPERATION
The following paragraph describes the operation of the ISL40 device.
3.1
Protocol
The device responds to five types of LIN messages: Write, Read, Read Change, Sleep and Change
Frequency.
When receiving a Write message with the correct ID, the device outputs to its Output pins the data
indicated by the message.
When receiving a Read massage with the correct ID, the device responds to the LIN message with the
content of it’s Input pins followed by the appropriate checksum according to LIN 2.0 protocol.
When receiving a Read Change massage with the correct ID, the device responds to the LIN message
with the first detected change on its input pins followed by the appropriate checksum according to LIN
2.0 protocol.
When receiving a Sleep message the device enters into low power-consumption sleep mode. A wakeup
message generated by the master or by any of the slaves, wakes up all the devices on the network.
When receiving Change-Frequency message, the device switch between its two selected frequencies.
3.1.1
Message Construction
The construction of the five types of messages is as follows:
Write message:
The Write message consists of five bytes - sync break, sync field, Identifier, data and checksum.
The identifier byte begins with the device four ID bits, followed by 00 bits and 2 protection bits.
If checksum calculation is successful, the data byte content is transferred to the corresponding output
pins. If the device is set to 4 outputs, the four low significant bits (sent first) are transferred to the four
output SigOx pins. Otherwise, all 8 bits are transferred. The checksum is calculated according to LIN2.0
specifications. Figure 3.1 shows a generic write message.
Figure 3.1 Write message
Read message:
The read message gets the status of the ISL40 input pins.
The Read command can either get 4 input pins and 4 MSB’s of the output pins or 8 input pins status
according to the device setup pins. The Read command can request the current state of the input pins
or detect any change caused on the pins since the last read command. If the ISL40 configured to have
only 4 input pins, the 4 most significant bits of the data byte would be a read back of the 4 MSB’s output
pins.
Sync break
Sync Field
[P1, P0, 0, 1,
Address]
Out [7:0]
Checksum
ISL40 Outputs at receiving device
3 bit delay
Transmitted message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com