| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM1808AZCEA4 bảng dữ liệu(PDF) 71 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM1808AZCEA4 bảng dữ liệu(HTML) 71 Page - Texas Instruments |
|
71 / 264 page ![]() AM1808 www.ti.com SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010 6.4 Reset 6.4.1 Power-On Reset (POR) A power-on reset (POR) is required to place the device in a known good state after power-up. Power-On Reset is initiated by bringing RESET and TRST low at the same time. POR sets all of the device internal logic to its default state. All pins are tri-stated with the exception of RESETOUT which remains active through the reset sequence. RESETOUT is an output for use by other controllers in the system that indicates the device is currently in reset. RTCK is maintained active through a POR. A summary of the effects of Power-On Reset is given below: • All internal logic (including emulation logic and the PLL logic) is reset to its default state • Internal memory is not maintained through a POR • RESETOUT goes active • All device pins go to a high-impedance state • The RTC peripheral is not reset during a POR. A software sequence is required to reset the RTC A watchdog reset triggers a POR. 6.4.2 Warm Reset A warm reset provides a limited reset to the device. Warm Reset is initiated by bringing only RESET low (TRST is maintained high through a warm reset). Warm reset sets certain portions of the device to their default state while leaving others unaltered. All pins are tri-stated with the exception of RESETOUT which remains active through the reset sequence. RESETOUT is an output for use by other controllers in the system that indicates the device is currently in reset. RTCK is maintained active through a POR. A summary of the effects of Warm Reset is given below: • All internal logic (except for the emulation logic and the PLL logic) is reset to its default state • Internal memory is maintained through a warm reset • RESETOUT goes active • All device pins go to a high-impedance state • The RTC peripheral is not reset during a warm reset. A software sequence is required to reset the RTC Copyright © 2010, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 71 Submit Documentation Feedback Product Folder Link(s): AM1808 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |