| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74LVC1G74GD bảng dữ liệu(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC1G74GD bảng dữ liệu(HTML) 9 Page - NXP Semiconductors |
|
9 / 21 page ![]() 74LVC1G74_8 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 08 — 3 December 2009 9 of 21 NXP Semiconductors 74LVC1G74 Single D-type flip-flop with set and reset; positive edge trigger [1] Typical values are measured at Tamb =25 °C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively. [2] tpd is the same as tPLH and tPHL. [3] CPD is used to determine the dynamic power dissipation (PD in µW). PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; Σ(CL × VCC2 × fo) = sum of outputs. trec recovery time SD or RD; see Figure 9 VCC = 1.65 V to 1.95 V 1.9 - - 1.9 - ns VCC = 2.3 V to 2.7 V 1.4 - - 1.4 - ns VCC = 2.7 V 1.3 - - 1.3 - ns VCC = 3.0 V to 3.6 V +1.2 −3.0 - +1.2 - ns VCC = 4.5 V to 5.5 V 1.0 - - 1.0 - ns tsu set-up time D to CP; see Figure 8 VCC = 1.65 V to 1.95 V 2.9 - - 2.9 - ns VCC = 2.3 V to 2.7 V 1.7 - - 1.7 - ns VCC = 2.7 V 1.7 - - 1.7 - ns VCC = 3.0 V to 3.6 V 1.3 0.5 - 1.3 - ns VCC = 4.5 V to 5.5 V 1.1 - - 1.1 - ns th hold time D to CP; see Figure 8 VCC = 1.65 V to 1.95 V 1.5 - - 1.5 - ns VCC = 2.3 V to 2.7 V 1.0 - - 1.0 - ns VCC = 2.7 V 1.0 - - 1.0 - ns VCC = 3.0 V to 3.6 V 1.0 0.6 - 1.0 - ns VCC = 4.5 V to 5.5 V 1.0 - - 1.0 - ns fmax maximum frequency CP; see Figure 8 VCC = 1.65 V to 1.95 V 80 - - 80 - MHz VCC = 2.3 V to 2.7 V 175 - - 175 - MHz VCC = 2.7 V 175 - - 175 - MHz VCC = 3.0 V to 3.6 V 175 280 - 175 - MHz VCC = 4.5 V to 5.5 V 200 - - 200 - MHz CPD power dissipation capacitance VI = GND to VCC; VCC = 3.3 V [3] -15- - - pF Table 9. Dynamic characteristics …continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 10. Symbol Parameter Conditions −40 °C to +85 °C −40 °C to +125 °C Unit Min Typ[1] Max Min Max |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |