| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM1707ZKB3 bảng dữ liệu(PDF) 99 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM1707ZKB3 bảng dữ liệu(HTML) 99 Page - Texas Instruments |
|
99 / 155 page ![]() AM1705 www.ti.com SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010 Table 6-53. Additional(1) SPI0 Master Timings, 5-Pin Option(2) (3) No. PARAMETER MIN MAX UNIT Polarity = 0, Phase = 0, 0.5tc(SPC)M + P + 5 from SPI0_CLK falling Max delay for slave to Polarity = 0, Phase = 1, P + 5 deassert SPI0_ENA after from SPI0_CLK falling 18 td(SPC_ENA)M final SPI0_CLK edge to ns Polarity = 1, Phase = 0, ensure master does not 0.5tc(SPC)M + P + 5 from SPI0_CLK rising begin the next transfer.(4) Polarity = 1, Phase = 1, P + 5 from SPI0_CLK rising Polarity = 0, Phase = 0, 0.5tc(SPC)M + P - 3 from SPI0_CLK falling Polarity = 0, Phase = 1, Delay from final P - 3 from SPI0_CLK falling SPI0_CLK edge to 20 td(SPC_SCS)M ns master deasserting Polarity = 1, Phase = 0, 0.5tc(SPC)M + P -3 SPI0_SCS (5) (6) from SPI0_CLK rising Polarity = 1, Phase = 1, P - 3 from SPI0_CLK rising Max delay for slave SPI to drive SPI0_ENA valid 21 td(SCSL_ENAL)M after master asserts SPI0_SCS to delay the C2TDELAY + P ns master from beginning the next transfer, Polarity = 0, Phase = 0, 2P -5 to SPI0_CLK rising Polarity = 0, Phase = 1, 0.5tc(SPC)M + 2P -5 Delay from SPI0_SCS to SPI0_CLK rising 22 td(SCS_SPC)M active to first ns Polarity = 1, Phase = 0, SPI0_CLK(7) (8) (9) 2P -5 to SPI0_CLK falling Polarity = 1, Phase = 1, 0.5tc(SPC)M + 2P -5 to SPI0_CLK falling Polarity = 0, Phase = 0, 3P + 3 to SPI0_CLK rising Polarity = 0, Phase = 1, 0.5tc(SPC)M + 3P + 3 Delay from assertion of to SPI0_CLK rising 23 td(ENA_SPC)M SPI0_ENA low to first ns Polarity = 1, Phase = 0, SPI0_CLK edge.(10) 3P + 3 to SPI0_CLK falling Polarity = 1, Phase = 1, 0.5tc(SPC)M + 3P + 3 to SPI0_CLK falling (1) These parameters are in addition to the general timings for SPI master modes ( Table 6-50 ). (2) P = SYSCLK2 period (3) Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four master clocking modes. (4) In the case where the master SPI is ready with new data before SPI0_ENA deassertion. (5) Except for modes when SPIDAT1.CSHOLD is enabled and there is additional data to transmit. In this case, SPI0_SCS will remain asserted. (6) This delay can be increased under software control by the register bit field SPIDELAY.T2CDELAY[4:0]. (7) If SPI0_ENA is asserted immediately such that the transmission is not delayed by SPI0_ENA. (8) In the case where the master SPI is ready with new data before SPI0_SCS assertion. (9) This delay can be increased under software control by the register bit field SPIDELAY.C2TDELAY[4:0]. (10) If SPI0_ENA was initially deasserted high and SPI0_CLK is delayed. Copyright © 2010, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 99 Submit Documentation Feedback Product Folder Link(s): AM1705 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |