công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HAL28XY bảng dữ liệu(PDF) 2 Page - Micronas

tên linh kiện HAL28XY
Giải thích chi tiết về linh kiện  Linear Hall-Effect Sensor Family with Digital Interfaces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

HAL28XY bảng dữ liệu(HTML) 2 Page - Micronas

  HAL28XY Datasheet HTML 1Page - Micronas HAL28XY Datasheet HTML 2Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT INFORMATION
HAL 28xy
Feb/2008
All information and data contained in this product information are without any commitment, are not to be consid-
ered as an offer for conclusion of a contract, nor shall they be construed as to create any liability. Product or
development sample availability and delivery are exclusively subject to our respective order confirmation form. By
this publication, Micronas GmbH does not assume responsibility for patent infringements or other rights of third
parties which may result from its use.
Micronas GmbH
⋅ Hans-Bunte-Strasse 19 ⋅ D-79108 Freiburg (Germany) ⋅ P.O. Box 840 ⋅ D-79008 Freiburg (Germany)
Tel. +49-761-517-0
⋅ Fax +49-761-517-2174 ⋅ E-mail: docservice@micronas.com ⋅ www.micronas.com
No part of this publication may be reproduced, photo-
copied, stored on a retrieval system, or transmitted
without the express written consent of Micronas GmbH.
Edition Feb. 6, 2008; Order No. PI000121_001EN
Development Tools
All communication is done by means of LIN
frames or BiPhase-M telegrams depending
on the sensor type. For engineering pur-
poses, Micronas offers an easy-to-use
application kit:
V Micronas programmer board
(hardware version 5.x)
V LabVIEWTM programming software for
Windows® 9x/2000/XP/Vista
V LabVIEWTM source code
Serial Port
HAL Programmer Board
Fig. 1: Development tool setup
System Architecture
The HAL 28xy sensors are produced in a
proven automotive submicron CMOS tech-
nology.
The HAL 28xy family features a tempera-
ture-compensated Hall plate with spinning-
current offset compensation, an A/D con-
verter for the Hall-plate, an A/D converter
for the temperature sensor, digital signal
processing (RISC processor), different fully
integrated digital interfaces including the
physical layer, an EEPROM memory with
redundancy and lock function for the cali-
bration data, and protection devices on all
pins.
The HAL 28xy family is programmable by
means of LIN frames or by a BiPhase-M
telegram. No additional programming pin is
needed.
Internally
Temperature
Oscillator
Switched
A/D
RISC
Processor
DIO
VSUP
GND
EEPROM Memory
Lock Control
stabilized
Supply and
Protection
Devices
Dependent
Bias
Protection
Devices
Hall Plate
Converter
Digital I/O
30k
Transceiver
PWM
SENT
...
Temperature
A/D
Sensor
Converter
LIN
Fig. 2: Block diagram of the HAL 28xy family



Html Pages

1 2