công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HAL501 bảng dữ liệu(PDF) 2 Page - Micronas

tên linh kiện HAL501
Giải thích chi tiết về linh kiện  Multipurpose Hall-Effect Sensor Family
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

HAL501 bảng dữ liệu(HTML) 2 Page - Micronas

  HAL501 Datasheet HTML 1Page - Micronas HAL501 Datasheet HTML 2Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT INFORMATION
HAL 5xy
Sept/2006
All information and data contained in this product information are without any commitment, are not to be consid-
ered as an offer for conclusion of a contract, nor shall they be construed as to create any liability. Product or
development sample availability and delivery are exclusively subject to our respective order confirmation form. By
this publication, Micronas GmbH does not assume responsibility for patent infringements or other rights of third
parties which may result from its use.
Micronas GmbH
⋅ Hans-Bunte-Strasse 19 ⋅ D-79108 Freiburg (Germany) ⋅ P.O. Box 840 ⋅ D-79008 Freiburg (Germany)
Tel. +49-761-517-0
⋅ Fax +49-761-517-2174 ⋅ E-mail: docservice@micronas.com ⋅ www.micronas.com
No part of this publication may be reproduced, photo-
copied, stored on a retrieval system, or transmitted
without the express written consent of Micronas GmbH.
Edition Sept. 26, 2006; Order No. 6251-712-1PI
Available Types and Switching Behavior
Features
HAL 501
HAL 502
HAL 503
HAL 504
HAL 505
HAL 506
HAL 508
HAL 509
HAL 516
HAL 519
HAL 523
Switching
Behavior
bipolar
latching
latching
unipolar
latching
unipolar
unipolar
unipolar
unipolar
with
inverted
output
unipolar
with
inverted
output
(north
polarity)
unipolar
Sensitivity
very high
high
medium
medium
low
high
medium
low
high
high
low
System Architecture
The HAL 5xy sensors are monolithic inte-
grated circuits which switch in response to
magnetic fields. If a magnetic field with flux
lines perpendicular to the sensitive area is
applied to the sensor, the biased Hall plate
forces a Hall voltage proportional to this
field. The Hall voltage is compared with the
actual threshold level in the comparator.
The temperature-dependent bias increases
the supply voltage of the Hall plates and
adjusts the switching points to the decreas-
ing induction of magnets at higher tempera-
tures. If the magnetic field exceeds the
threshold levels, the open drain output
switches to the appropriate state. The built-
in hysteresis eliminates oscillation and pro-
vides switching behavior of the output with-
out bouncing.
HAL 5xy
Temperature
Dependent
Bias
Switch
Hysteresis
Control
Comparator
Output
VDD
1
OUT
3
Clock
Hall Plate
GND
2
Short Circuit &
Overvoltage
Protection
Reverse
Voltage &
Overvoltage
Protection
Fig. 1: Block diagram of the HAL 5xy



Html Pages

1 2