công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HAL104 bảng dữ liệu(PDF) 1 Page - Micronas

tên linh kiện HAL104
Giải thích chi tiết về linh kiện  Low-Cost Hall-Effect Sensor Family
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

HAL104 bảng dữ liệu(HTML) 1 Page - Micronas

  HAL104 Datasheet HTML 1Page - Micronas HAL104 Datasheet HTML 2Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HAL 1xy
April/2009
PRODUCT INFORMATION
HAL
® 1xy
Low-Cost Hall-Effect Sensor Family
PRODUCT INFORMATION
The HAL 1xy Hall switch family is designed
for home appliances and industrial applica-
tions. The sensors are produced in CMOS
technology and include a temperature-com-
pensated Hall plate with active offset com-
pensation, a comparator, and an open-drain
output transistor.
The comparator compares the actual mag-
netic flux through the Hall plate (Hall volt-
age) with the fixed reference values (switch-
ing
points).
Accordingly,
the
output
transistor is switched on or off.
The active offset compensation leads to
magnetic parameters which are robust
against mechanical stress effects. In addi-
tion, the magnetic characteristics are con-
stant in the full supply voltage and tempera-
ture range.
The HAL 1xy family is available in the
SOT89B SMD package and in the leaded
TO92UA package.
Features
V Temperature ranges
– C (Commercial, TJ = 0 °C to +85 °C)
– I (Industrial, TJ = 20 °C to +125 °C)
V Operates from 3.8 V to 24 V supply volt-
age
V Operates with static magnetic fields and
dynamic magnetic fields up to 10 kHz
V Overvoltage protection at all pins
V Reverse-voltage protection at VDD pin
V Magnetic characteristics are robust
against mechanical stress effects
V Short-circuit protected open-drain out-
put by thermal shut down
V Constant switching points over a wide
supply voltage and temperature range
V The decrease of magnetic flux density
caused by rising temperature in the sen-
sor system is compensated by a built-in
negative temperature coefficient of the
magnetic characteristics
V High temperature stability for home
appliances and industrial applications
V High ESD rating
Major Applications
The HAL 1xy is the optimal system solution
for application fields, such as:
V White goods
– selector switches
– door lock detection
– RPM detection
V Power tools
– speed control
– direction switch
V Home automation
– garage openers
– door openers
V Industrial applications
– Endposition detection
– RPM measurement of motors
– Brushless DC motors
– RPM measurements in flow meters
– Replacement of micro switches


Số phần tương tự - HAL104

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micronas
HAL104JQ-I MICRONAS-HAL104JQ-I Datasheet
1Mb / 12P
Hall-Effect Switch IC Family
HAL104JQ-I MICRONAS-HAL104JQ-I Datasheet
1Mb / 12P
Hall-Effect Switch IC Family
HAL104TQ-I MICRONAS-HAL104TQ-I Datasheet
1Mb / 12P
Hall-Effect Switch IC Family
HAL104TQ-I MICRONAS-HAL104TQ-I Datasheet
1Mb / 12P
Hall-Effect Switch IC Family
More results

Mô tả tương tự - HAL104

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
Hall Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY_1 Datasheet
477Kb / 2P
Low-Cost Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
Multipurpose Hall-Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
Linear Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
Edition April 15, 2010
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com