công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74HC2G66GD bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện 74HC2G66GD
Giải thích chi tiết về linh kiện  Dual single-pole single-throw analog switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G66GD bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  74HC2G66GD Datasheet HTML 1Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 2Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 3Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 4Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 5Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 6Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 7Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 8Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
74HC_HCT2G66_6
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 2 April 2010
5 of 21
NXP Semiconductors
74HC2G66; 74HCT2G66
Dual single-pole single-throw analog switch
[1]
Typical values are measured at Tamb = 25 °C.
10.1 Test circuits
CI
input capacitance
-
3.5
-
-
-
pF
CPD
power dissipation
capacitance
-9-
-
-
pF
CS(ON)
ON-state capacitance
-
8
-
-
-
pF
74HCT2G66
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
V
II
input leakage current
nE; VI =VCC or GND; VCC =5.5 V
-
-
±1.0
-
±1.0
μA
IS(OFF)
OFF-state
leakage current
nY or nZ; VCC = 5.5 V; see Figure 5
-
0.1
1.0
-
1.0
μA
IS(ON)
ON-state
leakage current
nY or nZ; VCC = 5.5 V; see Figure 6
-
0.1
1.0
-
1.0
μA
ICC
supply current
nE, nY and nZ = VCC or GND;
VCC = 4.5 V to 5.5 V
--
10
-
20
μA
ΔI
CC
additional supply
current
nE = VCC − 2.1 V; IO =0 A;
VCC = 4.5 V to 5.5 V;
-
-
375
-
410
μA
CI
input capacitance
-
3.5
-
-
-
pF
CPD
power dissipation
capacitance
-9-
-
-
pF
CS(ON)
ON-state capacitance
-
8
-
-
-
pF
Table 7.
Static characteristics …continued
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
VI = VCC or GND and VO = GND or VCC.VI = VCC or GND and VO = open circuit.
Fig 5.
Test circuit for measuring OFF-state
leakage current
Fig 6.
Test circuit for measuring ON-state
leakage current
001aaj465
IS
IS
VI
VIL
VO
VCC
GND
nZ
nY
nE
001aaj466
IS
VI
VIH
VO
VCC
GND
nZ
nY
nE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com