công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPRND4100RA2C10 bảng dữ liệu(PDF) 2 Page - Token Electronics Industry Co., Ltd.

tên linh kiện UPRND4100RA2C10
Giải thích chi tiết về linh kiện  UPRND Network Precision Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOKEN [Token Electronics Industry Co., Ltd.]
Trang chủ  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UPRND4100RA2C10 bảng dữ liệu(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  UPRND4100RA2C10 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UPRND4100RA2C10 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UPRND4100RA2C10 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. UPRND4100RA2C10 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
02 of 04
Dimensions & Technical Characteristics
Precision Resistor Network (UPRND) Dimensions
Examples for Construction
○ There are no standard nominal resistance for UPRNS/UPRND Series.
○ Customer can designate or specify the number of component elements of Network Resistor according with this
specification of UPRNS/UPRND Series to meet your own needs.
○ It can be required to Token’s representatives if customer’s requirement beyonds the range of Token’s
specifications.
Precision Resistor Network (UPRND) Examples for Construction
C
D
B
E
F
A
UPRND A(mm)±0.5
5.08
11.8
30.3
Number of Resistors #
2
4
11
Dimensions(mm)
A
5.08±0.5 ~ 30.3±0.5
B
9.0±0.5
C
0.6±0.05
D
2.54±0.05
E
11.5±0.5
F
3.0±0.5
Rated Wattage of one element unit at 70°C (W) 0.1
Maximum Working Voltage (V)
200
Nominal Resistance Range of component
element unit (Ω)
10 ~ 1M
Absolute Tolerance (%)
A2(±0.02), A5(±0.05), B(±0.1), C(±0.25), D(±0.5), F(±1.0)
Relative Tolerance (%)
T(±0.01), A2(±0.02), A5(±0.05), B(±0.1)
Absolute Temperature Coefficient (ppm/°C)
C7(±5), C6(±10), C5(±15), C3(±25), C2(±50)
Relative Temperature Coefficient (ppm/°C)
C10(±2), C9(±3), C7(±5), C6(±10), C5(±15)
Working Temperature (°C)
-10 ~ +70
Remark : 1. Absolute value means all factors (Tolerance and Temperature Coefficient) of component element units of
Network Resistor are independent.
2. Relative value means the maximum difference factor among component element units of Network Resistor.
Version 2010
UPRND Network Precision Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com