công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPRND41MCC2 bảng dữ liệu(PDF) 1 Page - Token Electronics Industry Co., Ltd.

tên linh kiện UPRND41MCC2
Giải thích chi tiết về linh kiện  UPRND Network Precision Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOKEN [Token Electronics Industry Co., Ltd.]
Trang chủ  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UPRND41MCC2 bảng dữ liệu(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  UPRND41MCC2 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UPRND41MCC2 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UPRND41MCC2 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. UPRND41MCC2 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
01 of 04
Version 2010
Preview
The Precision Resistor Network technology provides a significant reduction of the resistive component’s
sensitivity to ambient temperature variations (TCR).
Designers can now guarantee a high degree of stability and accuracy in fixed-resistor applications using solutions
based on Token’s revolutionary Network technology. This technology allows customer orientated products,
designed to satisfy challenging and specific technical requirements.
Precision Network Resistors UPRND Series meets Lead (Pb)-free and RoHS compliant. Known for providing
design engineers with a comprehensive range of industrial-qualified resistive devices, Token Electronics has
further expanded its precision product capabilities in Serial UPRNS and Parellel UPRND Series.
Providing design engineers with an economical power resistor with high quality performance, Token Electronics
offers low cost industrial grade resistor networks, Parellel UPRND and Serial UPRNS Networks.
Token’s UPRND/UPRNS Series are assembled by EE/RE 1/10 series to form a stable, high precision resistor
networks. Characteristic of UPRND Series meet extreme low temperature coefficient.
Parellel UPRND Series equate IRC, EBG Precision Devices with fast delivery and more competitive price. For
non-standard technical requirements and special applications, please contact us.
UPRND Network Precision Resistors
UPRND Networks High Precision
Sharpen The Edge of Application Accuracy
Network
Precision Resistor
Features :
- Lead (Pb)-free and RoHS compliant.
- Precision tolerance tight to A2(±0.02%).
- Any value available within resistance range.
- UPRND: Parellel dip type; UPRNS: Serial dip type.
- Metal film precision networks, excellent stability and reliability.
- Superior TCR narrowed to Absolute C7(±5 ppm/°C), Relative C10(±2 ppm/°C).
Applications :
- Industrial, Precision Bypass, Divider.
- Electron Beam (EB) Applications Scanning.
- Medical, Test and Measurement Equipment.
- Recording Equipment, Electron Microscopes.
- Military, airborne, High precision instrumentation.
- Precision Amplifiers, Audio
(High End Stereo Equipment).
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Số phần tương tự - UPRND41MCC2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Token Electronics Indus...
UPRND41MCC3 TOKEN-UPRND41MCC3 Datasheet
462Kb / 6P
High Precision Network Voltage Divider
UPRND41MCC5 TOKEN-UPRND41MCC5 Datasheet
462Kb / 6P
High Precision Network Voltage Divider
UPRND41MCC6 TOKEN-UPRND41MCC6 Datasheet
462Kb / 6P
High Precision Network Voltage Divider
UPRND41MCC7 TOKEN-UPRND41MCC7 Datasheet
462Kb / 6P
High Precision Network Voltage Divider
More results

Mô tả tương tự - UPRND41MCC2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
RN1632A ETC2-RN1632A Datasheet
47Kb / 1P
RN series, RA series, ultra-precision chip network resistors
logo
RFE international
RA12-08X-10K-J RFE-RA12-08X-10K-J Datasheet
98Kb / 1P
NETWORK RESISTORS RA Series: SIP Network
logo
Token Electronics Indus...
UPRNS610RA2C7 TOKEN-UPRNS610RA2C7 Datasheet
324Kb / 4P
UPRNS Network Precision Resistors
UPRA2C3P TOKEN-UPRA2C3P Datasheet
367Kb / 3P
UPR Extra Precision Network Resistors
UPR10RA2C3P TOKEN-UPR10RA2C3P Datasheet
367Kb / 3P
UPR Extra Precision Network Resistors
UPSC53RA2C3P TOKEN-UPSC53RA2C3P Datasheet
365Kb / 3P
UPSC Extra Precision Network Resistors
logo
HOKURIKU ELECTRIC INDUS...
E011405 HOKURIKU-E011405 Datasheet
94Kb / 3P
Network Chip Resistors
logo
List of Unclassifed Man...
RQL50 ETC-RQL50 Datasheet
715Kb / 1P
RQL50 NETWORK RESISTORS
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
logo
HOKURIKU ELECTRIC INDUS...
NCR104 HOKURIKU-NCR104 Datasheet
94Kb / 3P
Network Chip Resistors
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com