| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF4158CCPZ bảng dữ liệu(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4158CCPZ bảng dữ liệu(HTML) 13 Page - Analog Devices |
|
13 / 36 page ![]() ADF4158 Rev. 0 | Page 13 of 36 DB31 CONTROL BITS 20-BIT STEP WORD DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 000000 0 SSE1 S20 S19 S18 S17 S16 S15 S14 S13 S12 S11 S10 S9 S8 S7 S6 S5 S4 S3 S2 S1 C3(1) C2(1) C1(0) STEP REGISTER (R6) DB31 CONTROL BITS 12-BIT DELAY START DIVIDER RESERVED DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 00 000000 00000 RDF1 RD1 DC1 DSE1 DS12 DS11 DS10 DS9 DS8 DS7 DS6 DS5 DS4 DS3 DS2 DS1 C3(1) C2(1) C1(1) DELAY REGISTER (R7) NOTES 1. DBB = DOUBLE-BUFFERED BIT(S). RESERVED RESERVED RESERVED DB31 12-BIT CLOCK DIVIDER VALUE CONTROL BITS DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 LS1 0000 000 0 R2 R1 CK2 CK1 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 C3(1) C2(0) C1(0) TEST REGISTER (R4) CLK DIV MODE READ- BACK TO MUXOUT 0 0 00 DB31 16-BIT DEVIATION WORD CONTROL BITS DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 0 TR1 PR1 I2 I1 FRE1 R2E1 DS1 DO4 DO3 DO2 DO1 D16 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 C3(1) C2(0) C1(1) DEVIATION REGISTER (R5) D4 D3 D2 D1 4-BIT DEV OFFSET WORD Figure 21. Register Summary 2 |